Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDN8601 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FDN8601
Description  N-Channel PowerTrench짰 MOSFET 100 V, 2.7 A, 109 m
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN8601 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FDN8601 Datasheet HTML 1Page - Fairchild Semiconductor FDN8601 Datasheet HTML 2Page - Fairchild Semiconductor FDN8601 Datasheet HTML 3Page - Fairchild Semiconductor FDN8601 Datasheet HTML 4Page - Fairchild Semiconductor FDN8601 Datasheet HTML 5Page - Fairchild Semiconductor FDN8601 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
©2010 Fairchild Semiconductor Corporation
FDN8601 Rev. C
www.fairchildsemi.com
4
Figure 7.
01234
0
2
4
6
8
10
ID = 1.5 A
VDD = 50 V
VDD = 25 V
Qg, GATE CHARGE (nC)
VDD = 75 V
Gate Charge Characteristics
Figure 8.
0.1
1
10
100
1
10
100
300
f = 1 MHz
VGS = 0 V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
Capacitance vs Drain
to Source Voltage
Figure9.
0.01
0.1
1
2
1
2
3
4
5
6
7
TJ = 100 oC
TJ = 25 oC
TJ = 125 oC
t
AV, TIME IN AVALANCHE (ms)
UnclampedInductive
Switching Capability
Figure 10.
0.1
1
10
100
400
0.001
0.01
0.1
1
10
20
10 s
100 us
10 ms
DC
1 s
100 ms
1 ms
VDS, DRAIN to SOURCE VOLTAGE (V)
THIS AREA IS
LIMITED BY r
DS(on)
SINGLE PULSE
TJ = MAX RATED
RTJA = 180
oC/W
TA = 25
oC
Forward Bias Safe
Operating Area
Figure 11. Single Pulse Maximum Power Dissipation
10
-4
10
-3
10
-2
10
-1
110
100
1000
0.5
1
10
100
300
SINGLE PULSE
RTJA = 180
o
C/W
T
A = 25
o
C
t, PULSE WIDTH (sec)
Typical Characteristics T
J = 25 °C unless otherwise noted


Numéro de pièce similaire - FDN8601

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDN86246 FAIRCHILD-FDN86246 Datasheet
163Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDN86265P FAIRCHILD-FDN86265P Datasheet
270Kb / 7P
   P-Channel PowerTrench MOSFET
logo
TECH PUBLIC Electronics...
FDN86265P-TP TECHPUBLIC-FDN86265P-TP Datasheet
1Mb / 3P
   -150V,P-Channel Power Trench MOSFET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com