Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC213L Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce BC213L
Description  PNP General Purpose Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC213L Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  BC213L Datasheet HTML 1Page - Fairchild Semiconductor BC213L Datasheet HTML 2Page - Fairchild Semiconductor BC213L Datasheet HTML 3Page - Fairchild Semiconductor BC213L Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A, August 2002
Absolute Maximum Ratings* T
C=25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: Pulse Width
≤ 300µs, Duty Cycle ≤ 2.0%
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
-30
V
VCBO
Collector-Base Voltage
-45
V
VEBO
Emitter-Base Voltage
-5.0
V
IC
Collector Current (DC)-
- Continuous
-500
mA
TJ, TSTG
Operating and Storage Junction Temperature Range
- 55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Max.
Units
Off Characteristics
V(BR)CEO
Collector-Emitter Voltage
IC = -2mA, IB = 0
-30
V
V(BR)CBO
Collector-Base Voltage
IC = -10µA, IE = 0
-45
V
V(BR)EBO
Emitter-Base Voltage
IE = -10µA, IC = 0
-5.0
V
ICBO
Collector Cut-off Current
VCB = -30V, IE = 0
-15
nA
IEBO
Emitter Cut-off Current
VEB = -4.0V, IC = 0
-15
nA
On Characteristics *
hFE
DC Current Gain
VCE = -5V, IC = -10µA
VCE = -5V, IC = -2.0mA
40
80
400
VCE(sat)
Collector-Emitter Saturation Voltage
IC = -10mA, IB = -0.5mA
IC = -100mA, IB = -5.0mA
-0.25
-0.6
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = -100mA, IB = -5.0mA
-1.1
V
VBE(on)
Base-Emitter On Voltage
VCE = -5.0V, IC = -2.0mA
-0.6
-0.72
V
Small Signal Characteristics
fT
Current gain Bandwidth Product
VCE = -5.0V, IC = -10mA
f = 100MHz
200
MHz
NF
Noise Figure
VCE = -5.0V, IC = -200µA
R
G = 2.0kΩ, f = 1.0KHz
10
dB
hfe
Small Signal Current Gain
IC = -2.0mA, VCE = -5.0V
f = 1.0KHz
80
BC213L
PNP General Purpose Amplifier
• This device is deisgned for use as general purpose amplifiers and
switches requiring collector currents to 300mA.
• Sourced from process 68.
• See PN200 for Characteristics.
1. Emitter 2. Collector 3. Base
TO-92
1


Numéro de pièce similaire - BC213L

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
BC213L ETC-BC213L Datasheet
75Kb / 1P
   Low Level and General Purpose Amplifiers
More results

Description similaire - BC213L

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com