Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT54C_NL Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce BAT54C_NL
Description  Schottky Barrier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BAT54C_NL Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  BAT54C_NL Datasheet HTML 1Page - Fairchild Semiconductor BAT54C_NL Datasheet HTML 2Page - Fairchild Semiconductor BAT54C_NL Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
February 2005
BAT54/A/C/S Rev. E1
BAT54/A/C/S
Schottky Diodes
Absolute Maximum Ratings * T
a = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Thermal Characteristics
Electrical Characteristics T
C = 25°C unless otherwise noted
Symbol
Parameter
Value
Unit
VRRM
Maximum Repetitive Reverse Voltage
30
V
IF(AV)
Average Rectified Forward Current
200
mA
IFSM
Non-repetitive Peak Forward Surge Current
Pulse Width = 1.0 second
600
mA
TSTG
Storage Temperature Range
-55 to +150
°C
TJ
Operating Junction Temperature
-55 to +150
°C
Symbol
Parameter
Value
Unit
PD
Power Dissipation
290
mW
RθJA
Thermal Resistance, Junction to Ambient
430
°C/W
Symbol
Parameter
Conditions
Min.
Max.
Units
VR
Breakdown Voltage
IR = 10µA30
V
VF
Forward Voltage
IF = 0.1mA
IF = 1mA
IF = 10mA
IF = 30mA
IF = 100mA
240
320
400
500
0.8
mV
mV
mV
mV
V
IR
Reverse Leakage
VR = 25V
2
µA
CT
Total Capacitance
VR = 1V, f = 1.0MHz
10
pF
trr
Reverse Recovery Time
IF = IR = 10mA, IRR = 1.0mA,
RL = 100Ω
5.0
ns
12
3
L4P
1
2
3
SOT-23
BAT54
BAT54C
= L4P
= L43
BAT54A = L42
BAT54S = L44
MARKING
Connection Diagram
3
1
2
3
1
2
3
1
2
1
3
BAT54
BAT54A
BAT54S
BAT54C
2NC


Numéro de pièce similaire - BAT54C_NL

FabricantNo de pièceFiches techniqueDescription
logo
Nanjing International G...
BAT54C-200MA-SOT-23 DGNJDZ-BAT54C-200MA-SOT-23 Datasheet
608Kb / 2P
   SOT-23 Plastic-Encapsulate Diodes
logo
Diodes Incorporated
BAT54C-7 DIODES-BAT54C-7 Datasheet
68Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11005 Rev. 12 - 2
BAT54C-7-F DIODES-BAT54C-7-F Datasheet
262Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11005 Rev. 21 - 2
BAT54C-7-F DIODES-BAT54C-7-F Datasheet
95Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11005 Rev. 25 - 2
BAT54C-7-F DIODES-BAT54C-7-F Datasheet
278Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Description similaire - BAT54C_NL

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com