Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ACE1001LMT8X Datasheet(Fiches technique) 5 Page - Fairchild Semiconductor

Numéro de pièce ACE1001LMT8X
Description  Arithmetic Controller Engine (ACEx™) for Low Power Applications
Télécharger  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ACE1001LMT8X Datasheet(HTML) 5 Page - Fairchild Semiconductor

  ACE1001LMT8X Datenblatt HTML 1Page - Fairchild Semiconductor ACE1001LMT8X Datenblatt HTML 2Page - Fairchild Semiconductor ACE1001LMT8X Datenblatt HTML 3Page - Fairchild Semiconductor ACE1001LMT8X Datenblatt HTML 4Page - Fairchild Semiconductor ACE1001LMT8X Datasheet HTML 5Page - Fairchild Semiconductor ACE1001LMT8X Datenblatt HTML 6Page - Fairchild Semiconductor ACE1001LMT8X Datenblatt HTML 7Page - Fairchild Semiconductor ACE1001LMT8X Datenblatt HTML 8Page - Fairchild Semiconductor ACE1001LMT8X Datenblatt HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
www.fairchildsemi.com
ACE1001 Product Family Rev. B.1
ACE1001(L) AC Electrical Characteristics
VCC = 1.8/2.2 to 5.5V
All measurements valid for ambient operating temperature unless otherwise stated.
Parameter
Conditions
MIN
TYP
MAX
Units
Instruction cycle time from
5.0V at +25
°C
0.96
1.0
1.04
µs
internal clock - setpoint
Internal clock frequency
2.4V to 5.5V at
-5
+5
%
variation
constant temperature
2.4V to 5.5V at
-10
+10
%
full temperature range
Crystal oscillator frequency
(Note 5)
4
MHz
External clock frequency
(Note 5)
4
MHz
EEPROM write time
3
10
ms
Internal clock start up time
(Note 6)
2
ms
Oscillator start up time
(Note 6)
2400
cycles
5 The maximum permissible frequency is guaranteed by design but not 100% tested.
6 The parameter is guaranteed by design but not 100% tested.
ACE1001(L) Electrical Characteristics for programming
All data following is valid between 4.5V and 5.5V at ambient temperature. The following charac-
teristics are guaranteed by design but are not 100% tested. See "EEPROM write time" in the AC
Electrical Characteristics for definition of the programming ready time.
Parameter
Description
MIN
MAX
Units
t
HI
CLOCK high time
500
DC
ns
t
LO
CLOCK low time
500
DC
ns
t
DIS
SHIFT_IN setup time
100
ns
t
DIH
SHIFT_IN hold time
100
ns
t
DOS
SHIFT_OUT setup time
100
ns
t
DOH
SHIFT_OUT hold time
900
ns
t
SV1, tSV2
LOAD supervoltage timing
50
µs
t
LOAD1, tLOAD2, tLOAD3, tLOAD4
LOAD timing
5
µs
V
SUPERVOLTAGE
Supervoltage level
11.5
12.5
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn