Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ACE1001LMT8 Datasheet(Fiches technique) 4 Page - Fairchild Semiconductor

Numéro de pièce ACE1001LMT8
Description  Arithmetic Controller Engine (ACEx™) for Low Power Applications
Télécharger  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ACE1001LMT8 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  ACE1001LMT8 Datenblatt HTML 1Page - Fairchild Semiconductor ACE1001LMT8 Datenblatt HTML 2Page - Fairchild Semiconductor ACE1001LMT8 Datenblatt HTML 3Page - Fairchild Semiconductor ACE1001LMT8 Datasheet HTML 4Page - Fairchild Semiconductor ACE1001LMT8 Datenblatt HTML 5Page - Fairchild Semiconductor ACE1001LMT8 Datenblatt HTML 6Page - Fairchild Semiconductor ACE1001LMT8 Datenblatt HTML 7Page - Fairchild Semiconductor ACE1001LMT8 Datenblatt HTML 8Page - Fairchild Semiconductor ACE1001LMT8 Datenblatt HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
www.fairchildsemi.com
ACE1001 Product Family Rev. B.1
ACE1001(L) DC Electrical Characteristics
VCC = 1.8/2.2 to 5.5V
All measurements valid for ambient operating temperature unless otherwise stated.
Symbol
Parameter
Conditions
MIN
TYP
MAX
Units
I
CC
3
Supply Current ?
1.8V
0.2
0.5
mA
no data EEPROM write in
2.2V
0.4
1.0
mA
progress
2.7V
0.7
1.2
mA
3.3V
1.2
2.0
mA
5.5V
3.7
5.5
mA
I
CCH
HALT Mode current
3.3V @ +25
C
100
nA
3.3V @ -40
C to +85C
10
1000
nA
5.5V @ +25
C
1000
nA
5.5V @+125
C
250
3000
nA
I
CCL
4
IDLE Mode Current
3.3V
120
200
A
5.5V
140
300
A
VCCW
EEPROM Write Voltage
Code EEPROM in
4.5
5.0
5.5
V
Programming Mode
Data EEPROM in
2.4
5.5
V
Operating Mode
S
VCC
Power Supply Slope
1
s/V
10ms/V
V
IL
Input Low with Schmitt
V
CC = 1.8V
0.15V
CC
V
Trigger Buffer
V
CC = 2.2 -5.5V
0.20V
CC
V
VIH
Input High with Schmitt
VCC ? 2.2V
0.9VCC
V
Trigger Buffer
V
CC > 2.2V
0.8V
CC
V
IIP
Input Pull-up Current
VCC =5.5V, VIN =0V
30
65
350
A
I
TL
TRI-STATE Leakage
V
CC =5.5V
2
200
nA
V
OL
Output Low Voltage
V
CC = 1.8 - 2.2V
G0, G1, G2, G4
0.8 mA sink
0.2V
CC
V
G5
1.0 mA sink
0.2V
CC
V
Output Low Voltage
V
CC = 2.2V ? 3.3V
G0, G1, G2, G4
3.0 mA sink
0.2V
CC
V
G5
5.0 mA sink
0.2V
CC
V
Output Low Voltage
V
CC = 3.3V ? 5.5V
G0, G1, G2, G4
5.0 mA sink
0.2V
CC
V
G5
10.0 mA sink
0.2V
CC
V
V
OH
Output High Voltage
V
CC = 1.8 - 2.2V
G0, G1, G2, G4
0.1 mA source
0.8V
CC
V
G5
0.2 mA source
0.8V
CC
V
Output High Voltage
V
CC = 3.3V ? 5.5V
G0, G1, G2, G4
0.4 mA source
0.8V
CC
V
G5
0.8 mA source
0.8V
CC
V
Output High Voltage
V
CC = 3.3V ? 5.5V
G0, G1, G2, G4
0.4 mA source
0.8V
CC
V
G5
1.0 mA source
0.8V
CC
V
3 I
CC active current is dependent on the program code.
4 Based on a continuous IDLE looping program.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn