Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ACT_HC49_US_SMX Fiches technique(PDF) 3 Page - Advanced Crystal Technology

No de pièce ACT_HC49_US_SMX
Description  one of the most cost effective and popular surface mount crystals available
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACT [Advanced Crystal Technology]
Site Internet  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT_HC49_US_SMX Fiches technique(HTML) 3 Page - Advanced Crystal Technology

  ACT_HC49_US_SMX Datasheet HTML 1Page - Advanced Crystal Technology ACT_HC49_US_SMX Datasheet HTML 2Page - Advanced Crystal Technology ACT_HC49_US_SMX Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Example :
PO
1 2 0 0
I
K
E
C
- PF
(HC49/USMX)
(12.000MHz )
(±30ppm)
(±30ppm)
(-10+60)
(1K Reel )
(RoHS)
E
10
F
15
A
3rd O/T
G
20
F
Fundamental
-PF
H
25
E
-10+60
BO
6
I
30
G
-20+70
GO
8
L
50
K
-30+80
JO
9
M
-40+85
KO
10
MO
11
OO
12
Packaging
ZO
14
L = Loose
F
10
PO
15
C =1K Reels
G
15
RO
16
I
20
TO
18
J
25
VO
20
K
30
AA
24
O
50
BA
25
DA
30
FA
33
JA
50
SR
SR
NOTES :
1)
2)
3)
4)
Issue 11 SCB
Date : 21-06-2012
SERIES : ACT HC49/USMX ( Standard ) Part numbering code PO / BM / BX / BK
ACT are always happy to consider truly custom specification parts which may require non-
standard specification parameters, specific testing, customer requested AQL requirements,
non standard packaging or taping and reeling and custom marking. Such devices would
normally be allocated a custom specification part number which is wholly customer specific.
( EG : A 12.00MHz custom ACT49/USMX device may have a part number such as PO1200C-
Operating
Temperature
Range (ºC)
Mode
Load
Capacitance
( pF or Series
Resonance)
Frequency
To 99.9999MHz
1st
four digits of
Frequency
&
>99.9999MHz 1st five
Digits of Frequency
Stability Over
Operating
Temperature (ºC)
NB:
Table 2:
Available Stabilities
Tolerance (±pm)
@ 25ºC
Full Example Part Number
NB:
10000 = 100.00MHz
It is important to suffix
the above P/No with
the full frequency
required to give a
complete P/No as
illustrated below
Examples
9.8304MHz =
0983 = 9.8304MHz
1200 = 12.000MHz
9999 = 99.9999MHz
Frequencies below 10.000MHz are prefixed with a "0" (eg: 0800MHz = 8MHz.Whereas
10.000MHz is 1000 and 100MHz is 10000)
RO
(16pF)
RoHS
Comp'
F
(Fund')
Tighter Tolerances and Stabilities, other Operating Temperature Ranges and CL's may be
available as semi custom devices.
A guide to availability of tighter stabilities appears above in Table 2
For Frequency
availability v
Mode refer to
Table 1 page 1.
PO1200IKEROFC-PF
12.00MHz
Device
Height Code
PO = 4.2mm
BM = 3.8mm
BX = 3.0mm
BK = 2.7mm
Std
Commodity code
854160 00 00
3 of 3


Numéro de pièce similaire - ACT_HC49_US_SMX

FabricantNo de pièceFiches techniqueDescription
Advanced Crystal Technology
Advanced Crystal Techno...
ACT_HC49_US_SMX_CUSTOM ACT-ACT_HC49_US_SMX_CUSTOM Datasheet
328Kb / 2P
   one of the most cost effective and popular surface mount crystals available.
29/06/11
ACT_HC49_US_SMX_EG&E ACT-ACT_HC49_US_SMX_EG&E Datasheet
354Kb / 3P
   range of low profile, SMD crystals featuring good reliability and aging
03-04-2013
More results

Description similaire - ACT_HC49_US_SMX

FabricantNo de pièceFiches techniqueDescription
Advanced Crystal Technology
Advanced Crystal Techno...
ACT_HC49_US_SMX_CUSTOM ACT-ACT_HC49_US_SMX_CUSTOM Datasheet
328Kb / 2P
   one of the most cost effective and popular surface mount crystals available.
29/06/11
ACTHC49-US-SMX ACT-ACTHC49-US-SMX Datasheet
114Kb / 1P
   most cost effective and popular surface mount crystals
14/12/06
Vectron International, Inc
Vectron International, ...
VXA1 VECTRON-VXA1 Datasheet
52Kb / 2P
   crystals offers the most popular crystal package for computer and peripherals
Advanced Crystal Technology
Advanced Crystal Techno...
ACT86LCSMX ACT-ACT86LCSMX Datasheet
151Kb / 2P
   a low cost version of our popular the Surface Mount,
31/08/07
DDK Ltd.
DDK Ltd.
BNC DDK-BNC_12 Datasheet
2Mb / 15P
   BNC style connector is one of the most popular 50 廓 coaxial connector.
AVX Corporation
AVX Corporation
04025A200JAT2A AVX-04025A200JAT2A Datasheet
176Kb / 4P
   C0G (NP0) ceramics offer one of the most stable capacitor dielectrics available
Infineon Technologies AG
Infineon Technologies A...
IRS1010C INFINEON-IRS1010C Datasheet
379Kb / 2P
   Most integrated and sophisticated Time-of-Flight (ToF) imager available on the market.
Ralston Instruments.
Ralston Instruments.
QTHA-KIT1 RALSTON-QTHA-KIT1 Datasheet
315Kb / 1P
   Kits take the guesswork out of selecting adapters by providing a selection of the most popular combinations of hoses and adapters
QTHA-KIT6-6FT RALSTON-QTHA-KIT6-6FT Datasheet
564Kb / 1P
   Kits take the guesswork out of selecting adapters by providing a selection of the most popular combinations of hoses and adapters
QTHA-KIT0-SS RALSTON-QTHA-KIT0-SS Datasheet
326Kb / 1P
   Kits take the guesswork out of selecting adapters by providing a selection of the most popular combinations of hoses and adapters
More results


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz