Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ACT_HC49_US_CUSTOM Fiches technique(PDF) 3 Page - Advanced Crystal Technology

No de pièce ACT_HC49_US_CUSTOM
Description  family of robust, through hole crystals featuring high reliability
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACT [Advanced Crystal Technology]
Site Internet  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT_HC49_US_CUSTOM Fiches technique(HTML) 3 Page - Advanced Crystal Technology

  ACT_HC49_US_CUSTOM Datasheet HTML 1Page - Advanced Crystal Technology ACT_HC49_US_CUSTOM Datasheet HTML 2Page - Advanced Crystal Technology ACT_HC49_US_CUSTOM Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Example :
AE
1 2 0 0
I
K
G
L
- PF
(HC49/US)
(12.000MHz )
(±30ppm)
(±30ppm)
(-20+70)
(Loose )
(RoHS)
A
5
Std
E
10
A
3rd O/T
F
15
F
Fundamental
- PF
G
20
E
-10+60
BO
6
I
30
Std
G
-20+70
Std
GO
8
L
50
M
-40+85
JO
9
Others available
Others available
KO
10
Packaging
MO
11
L = Loose
Std
OO
12
C =1K T&R
Note5
ZO
14
Y = 1K Ammo
Note6
B
5
PO
15
F
10
RO
16
G
15
TO
18
I
20
VO
20
J
25
AA
24
K
30
Std
BA
25
O
50
DA
30
Others available
FA
33
JA
50
SR
SR
Others available
NOTES :
1)
2)
3)
4)
5)
Not recommended for new builds, tape and reel limited to either production facility H3 or the HC49US (Standard) series.
Issue : 11 C1F-H3
Date: 20-03-2013
ISO9001 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, United Kingdom
http:www.actcrystals.com
NB:
Please refer to note 1
re availability.
It is important to suffix
the above P/No with
the full frequency
required to give a
complete P/No as
illustrated below
Full Example Part Number
AE1200IKGROFL-PF
12.00MHz
Frequencies below 10.000MHz are prefixed with a "0" (eg: 0800MHz = 8MHz.Whereas 10.000MHz is 1000 )
Table 2 above shows the range of available Stabilities Vs Operating Temperatures.
Tighter Tolerances and Stabilities, other Operating Temperature Ranges and CL's may be available on custom devices. Some
frequencies below 8.00MHz and above 30MHz (fundamental) and 3rd O/T may not be available as specification parameters impact on
each other, it is not always possible to combine all options in one device. Therefore, if a specification not catered for or has a
frequency within the bands noted above please enquire regarding availability.
ACT are always happy to consider truly custom specification parts which may require non-standard specification parameters,
specific testing, customer requested AQL requirements, non standard packaging or taping and reeling and custom marking. Such
devices would normally be allocated a custom specification part number which is wholly customer specific. ( MOQ Dependent ) ( EG
: A 12.00MHz custom ACTHC49/US with a cropped lead device requested may have a part number such as AE1200C- C1246-PF)
Mode
RoHS
Comp'
Examples
0983 = 9.8304MHz
1200 = 12.000MHz
Stability Over
Operating
Temperature (ºC)
9999 = 99.9999MHz
10000 = 100.00MHz
SERIES : ACTHC49/US ( Custom) Device series codes JO /BH /RO /AY /AE / AN
RO
F
(16pF)
(Fund')
Frequency
Tolerance (±pm)
@ 25ºC
To 99.9999MHz 1st
four digits of
Frequency
&
>99.9999MHz 1st
five digits of
Frequency
Operating
Temperature
Range (ºC)
Load
Capacitance
( pF or Series
R)
Device
Height Codes
JO = 3.5mm
BH = 2.5mm
Cropped Lead
RO = 2.6mm
AE = 3.5mm
high- cropped
lead to 7mm
AN = 3.5mm
high- cropped
lead to 4mm
XD = 3.5mm
high- cropped
lead to 3.5mm
Variant Codes
AY = 3.5mm
high 3 pin
AG = 4.0mm
high 3 pin
NB:
Above device
heights are all
Available Stabilities
±5ppm
Enquire
Enquire
-10 ~ +60°C
-40 ~ +85°C
-20 ~ +70°C
±10ppm ±15ppm ±20ppm ±25ppm ±30ppm ±50ppm
Enquire
Stability
Temp
Commodity code
854160 00 00


Numéro de pièce similaire - ACT_HC49_US_CUSTOM

FabricantNo de pièceFiches techniqueDescription
Advanced Crystal Technology
Advanced Crystal Techno...
ACT_HC49_US_SMX ACT-ACT_HC49_US_SMX Datasheet
186Kb / 3P
   one of the most cost effective and popular surface mount crystals available
21-06-2012
ACT_HC49_US_SMX_CUSTOM ACT-ACT_HC49_US_SMX_CUSTOM Datasheet
328Kb / 2P
   one of the most cost effective and popular surface mount crystals available.
29/06/11
ACT_HC49_US_SMX_EG&E ACT-ACT_HC49_US_SMX_EG&E Datasheet
354Kb / 3P
   range of low profile, SMD crystals featuring good reliability and aging
03-04-2013
ACT_HC49_US_STANDARD ACT-ACT_HC49_US_STANDARD Datasheet
413Kb / 3P
   family of competitively priced, resistance welded
20-03-2013
More results

Description similaire - ACT_HC49_US_CUSTOM

FabricantNo de pièceFiches techniqueDescription
Advanced Crystal Technology
Advanced Crystal Techno...
ACTHC49-US ACT-ACTHC49-US Datasheet
46Kb / 2P
   family of robust, through hole crystals featuring high reliability,
160205
ACT_HC49_US_SMX_EG&E ACT-ACT_HC49_US_SMX_EG&E Datasheet
354Kb / 3P
   range of low profile, SMD crystals featuring good reliability and aging
03-04-2013
EUROQUARTZ limited
EUROQUARTZ limited
HC35 EUROQUARTZ-HC35 Datasheet
152Kb / 1P
   THROUGH-HOLE CRYSTALS
HC49 EUROQUARTZ-HC49 Datasheet
158Kb / 1P
   THROUGH-HOLE CRYSTALS
HC51 EUROQUARTZ-HC51 Datasheet
81Kb / 1P
   THROUGH-HOLE CRYSTALS
UM-1SL EUROQUARTZ-UM-1SL Datasheet
87Kb / 1P
   THROUGH-HOLE CRYSTALS
List of Unclassifed Manufacturers
List of Unclassifed Man...
AWT3 ETC2-AWT3 Datasheet
46Kb / 1P
   Through Hole Tuning Fork Crystals
Caliber Electronics Inc.
Caliber Electronics Inc...
AWT CALIBER-AWT Datasheet
52Kb / 1P
   Through Hole Tuning Fork Crystals
Dynex Semiconductor
Dynex Semiconductor
AN5948 DYNEX-AN5948 Datasheet
833Kb / 11P
   Reliability of High Power
Mercury United Electronics Inc
Mercury United Electron...
U1 MERCURY-U1 Datasheet
110Kb / 1P
   Thru - Hole Crystals
More results


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz