Moteur de recherche de fiches techniques de composants électroniques |
|
74VHC595SJ Fiches technique(PDF) 6 Page - Fairchild Semiconductor |
|
74VHC595SJ Fiches technique(HTML) 6 Page - Fairchild Semiconductor |
6 / 9 page www.fairchildsemi.com 6 AC Operating Requirements Symbol Parameter VCC (V) TA = 25°CTA = −40°C to +85°C Units Typ Guaranteed Minimum tS Minimum Setup Time 3.3 ± 0.3 3.5 3.5 ns (SER–SCK) 5.0 ± 0.5 3.0 3.0 tS Minimum Setup Time 3.3 ± 0.3 8.0 8.5 ns (SCK–RCK) 5.0 ± 0.5 5.0 5.0 tS Minimum Setup Time 3.3 ± 0.3 8.0 9.0 ns (SCLR –RCK) 5.0 ± 0.5 5.0 5.0 tH Minimum Hold Time 3.3 ± 0.3 1.5 1.5 ns (SER–SCK) 5.0 ± 0.5 2.0 2.0 tH Minimum Hold Time 3.3 ± 0.3 0.0 0.0 ns (SCK–RCK) 5.0 ± 0.5 0.0 0.0 tH Minimum Hold Time 3.3 ± 0.3 0.0 0.0 ns (SCLR –RCK) 5.0 ± 0.5 0.0 0.0 tW(L) Minimum Pulse Width 3.3 ± 0.3 5.0 5.0 ns (SCLR) 5.0 ± 0.5 5.0 5.0 tW(L) Minimum Pulse Width 3.3 ± 0.3 5.0 5.0 ns tW(H) (SCK) 5.0 ± 0.5 5.0 5.0 tW(L) Minimum Pulse Width 3.3 ± 0.3 5.0 5.0 ns tW(H) (RCK) 5.0 ± 0.5 5.0 5.0 trem Minimum Removal Time 3.3 ± 0.3 3.0 3.0 ns (SCLR –SCK) 5.0 ± 0.5 2.5 2.5 |
Numéro de pièce similaire - 74VHC595SJ |
|
Description similaire - 74VHC595SJ |