Moteur de recherche de fiches techniques de composants électroniques |
|
74VHC374MTC Fiches technique(PDF) 2 Page - Fairchild Semiconductor |
|
74VHC374MTC Fiches technique(HTML) 2 Page - Fairchild Semiconductor |
2 / 8 page ©1992 Fairchild Semiconductor Corporation www.fairchildsemi.com 74VHC374 Rev. 1.3 2 Logic Symbol IEEE/IEC Truth Table H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial Z = High Impedance = LOW-to-HIGH Transition Functional Description The VHC374 consists of eight edge-triggered flip-flops with individual D-type inputs and 3-STATE true outputs. The buffered clock and buffered Output Enable are common to all flip-flops. The eight flip-flops will store the state of their individual D inputs that meet the setup and hold time requirements on the LOW-to-HIGH Clock (CP) transition. With the Output Enable (OE) LOW, the con- tents of the eight flip-flops are available at the outputs. When the OE is HIGH, the outputs go to the high imped- ance state. Operation of the OE input does not affect the state of the flip-flops. Logic Diagram Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays. Figure 1. Inputs Outputs Dn CP OE On HL H LL L XX HZ |
Numéro de pièce similaire - 74VHC374MTC |
|
Description similaire - 74VHC374MTC |