Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74VHC373SJ Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce 74VHC373SJ
Description  Octal D-Type Latch with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC373SJ Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  74VHC373SJ Datasheet HTML 1Page - Fairchild Semiconductor 74VHC373SJ Datasheet HTML 2Page - Fairchild Semiconductor 74VHC373SJ Datasheet HTML 3Page - Fairchild Semiconductor 74VHC373SJ Datasheet HTML 4Page - Fairchild Semiconductor 74VHC373SJ Datasheet HTML 5Page - Fairchild Semiconductor 74VHC373SJ Datasheet HTML 6Page - Fairchild Semiconductor 74VHC373SJ Datasheet HTML 7Page - Fairchild Semiconductor 74VHC373SJ Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 4: Parameter guaranteed by design. tOSLH
|tPLH max  tPLH min |; tOSHL
|tPHL max  tPHL min|
Note 5: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average
operating current can be obtained by the equation: ICC (opr.)
CPD • VCC • fIN  ICC/8 (per Latch). The total CPD when n pcs. of the Latch operates can be
calculated by the equation: CPD(total) 14  13n.
AC Operating Requirements
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
(V)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.3
r 0.3
7.0
11.0
1.0
13.0
ns
CL 15 pF
tPHL
Time (LE to On)
9.5
14.5
1.0
16.5
CL 50 pF
5.0
r 0.5
4.9
7.2
1.0
8.5
ns
CL 15 pF
6.4
9.2
1.0
10.5
CL 50 pF
tPLH
Propagation Delay
3.3
r 0.3
7.3
11.4
1.0
13.5
ns
CL 15 pF
tPHL
Time (D to On)
9.8
14.9
1.0
17.0
CL 50 pF
5.0
r 0.5
5.0
7.2
1.0
8.5
CL 15 pF
6.5
9.2
1.0
10.5
CL 50 pF
tPZL
3-STATE
3.3
r 0.3
7.3
11.4
1.0
13.5
ns
RL 1 k:
CL 15 pF
tPZH
Output
9.8
14.9
1.0
17.0
CL 50 pF
Enable Time
5.0
r 0.5
5.5
8.1
1.0
9.5
ns
CL 15 pF
7.0
10.1
1.0
11.5
CL 50 pF
tPLZ
3-STATE Output
3.3
r 0.3
9.5
13.2
1.0
15.0
ns
RL 1 k:
CL 50 pF
tPHZ
Disable Time
5.0
r 0.5
6.5
9.2
1.0
10.5
CL 50 pF
tOSLH
Output to
3.3
r 0.3
1.5
1.5
ns
(Note 4)
CL 50 pF
tOSHL
Output Skew
5.0
r 0.5
1.0
1.0
CL 50 pF
CIN
Input Capacitance
4
10
10
pF
VCC Open
COUT
Output Capacitance
6
pF
VCC 5.0V
CPD
Power Dissipation
27
pF
(Note 5)
Capacitance
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
(V)
Min
Typ
Max
Min
Max
tW(H)
Minimum Pulse Width (LE)
3.3
r 0.3
5.0
5.0
ns
5.0
r 0.5
5.0
5.0
tS
Minimum Set-Up Time
3.3
r 0.3
4.0
4.0
ns
5.0
r 0.5
4.0
4.0
tH
Minimum Hold Time
3.3
r 0.3
1.0
1.0
ns
5.0
r 0.5
1.0
1.0


Numéro de pièce similaire - 74VHC373SJ

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74VHC373SJ FAIRCHILD-74VHC373SJ Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
ON Semiconductor
74VHC373SJ ONSEMI-74VHC373SJ Datasheet
280Kb / 11P
   Octal D-Type Latch with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74VHC373SJX FAIRCHILD-74VHC373SJX Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373SJ FAIRCHILD-74VHC373SJ_07 Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
More results

Description similaire - 74VHC373SJ

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74F573SJX FAIRCHILD-74F573SJX Datasheet
72Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373SJX FAIRCHILD-74VHC373SJX Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC564 MOTOROLA-MC74AC564 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
MC74AC573 MOTOROLA-MC74AC573 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F573 FAIRCHILD-74F573 Datasheet
71Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74FR573 FAIRCHILD-74FR573 Datasheet
51Kb / 6P
   Octal D-Type Latch with 3-STATE Outputs
74VHCT573A FAIRCHILD-74VHCT573A Datasheet
91Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
74VHC573 FAIRCHILD-74VHC573_07 Datasheet
252Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373 FAIRCHILD-74VHC373_07 Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC563 MOTOROLA-MC74AC563 Datasheet
216Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com