Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74VHC175M Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce 74VHC175M
Description  Quad D-Type Flip-Flop
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC175M Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  74VHC175M Datasheet HTML 1Page - Fairchild Semiconductor 74VHC175M Datasheet HTML 2Page - Fairchild Semiconductor 74VHC175M Datasheet HTML 3Page - Fairchild Semiconductor 74VHC175M Datasheet HTML 4Page - Fairchild Semiconductor 74VHC175M Datasheet HTML 5Page - Fairchild Semiconductor 74VHC175M Datasheet HTML 6Page - Fairchild Semiconductor 74VHC175M Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 4: Parameter guaranteed by design. tOSLH = |tPLHmax − tPLHmin|; tOSHL =| tPHLmax − tPHLmin|.
Note 5: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average
operating current can be obtained from the equation: ICC (opr.) = CPD * VCC * fIN + ICC/4 (per F/F), and the total CPD when n pcs of the Flip-Flop operate can
be calculated by the following equation: CPD (total) = 30 + 14 • n
AC Operating Requirements
Note 6: VCC is 3.3 ± 0.3V or 5.0 ± 0.5V
Symbol
Parameter
VCC
(V)
TA = 25°CTA = −40°C to +85°C
Units
Conditions
Min
Typ
Max
Min
Max
fMAX
Maximum Clock
3.3
± 0.3
90
140
75
MHz
CL = 15 pF
Frequency
50
75
45
CL = 50 pF
5.0
± 0.5
150
210
125
MHz
CL = 15 pF
85
115
75
CL = 50 pF
tPLH
Propagation Delay
3.3
± 0.3
7.5
11.5
1.0
13.5
ns
CL = 15 pF
tPHL
Time (CP to Qn or Qn)
10.0
15.0
1.0
17.0
CL = 50 pF
5.0
± 0.5
4.8
7.3
1.0
8.5
ns
CL = 15 pF
6.3
9.3
1.0
10.5
CL = 50 pF
tPLH
Propagation Delay Time
3.3
± 0.3
6.3
10.1
1.0
12.0
ns
CL = 15 pF
tPHL
(MR to Qn or Qn)
8.8
13.6
1.0
15.5
CL = 50 pF
5.0
± 0.5
4.3
6.4
1.0
7.5
ns
CL = 15 pF
5.8
8.4
1.0
9.5
CL = 50 pF
tOSLH
Output to
3.3
± 0.3
1.5
1.5
CL = 50 pF
tOSHL
Output Skew
5.0
± 0.5
1.0
1.0
CL = 50 pF
(Note 4)
CIN
Input Capacitance
4
10
10
pF
VCC = Open
CPD
Power Dissipation
44
pF
(Note 5)
Capacitance
Symbol
Parameter
VCC
(V)
(Note 6)
TA = 25°CTA = −40°C to +85°C
Units
Typ
Guaranteed Minimum
tW(L)
Minimum Pulse Width (CP)
3.3
5.0
5.0
ns
tW(H)
5.0
5.0
5.0
tW(L)
Minimum Pulse Width (MR)
3.3
5.0
5.0
ns
5.0
5.0
5.0
tS
Minimum Setup Time (Dn to CP)
3.3
5.0
5.0
ns
5.0
4.0
4.0
tH
Minimum Hold Time (Dn to CP)
3.3
1.0
1.0
ns
5.0
1.0
1.0
tREC
Minimum Removal Time (MR)
3.3
5.0
5.0
ns
5.0
5.0
5.0


Numéro de pièce similaire - 74VHC175M

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74VHC175M FAIRCHILD-74VHC175M Datasheet
252Kb / 9P
   Quad D-Type Flip-Flop
logo
ON Semiconductor
74VHC175M ONSEMI-74VHC175M Datasheet
338Kb / 11P
   Quad D-Type Flip-Flop
May 2007 Rev. 1.2
logo
Fairchild Semiconductor
74VHC175MTC FAIRCHILD-74VHC175MTC Datasheet
252Kb / 9P
   Quad D-Type Flip-Flop
logo
ON Semiconductor
74VHC175MTC ONSEMI-74VHC175MTC Datasheet
338Kb / 11P
   Quad D-Type Flip-Flop
May 2007 Rev. 1.2
More results

Description similaire - 74VHC175M

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HD74AC175 RENESAS-HD74AC175 Datasheet
211Kb / 8P
   Quad D-Type Flip-Flop
logo
Fairchild Semiconductor
74F175 FAIRCHILD-74F175 Datasheet
80Kb / 7P
   Quad D-Type Flip-Flop
CD40174BC FAIRCHILD-CD40174BC Datasheet
58Kb / 7P
   Hex D-Type Flip-Flop 쨌 Quad D-Type Flip-Flop
MM74C175 FAIRCHILD-MM74C175 Datasheet
55Kb / 6P
   Quad D-Type Flip-Flop
logo
Nexperia B.V. All right...
HEF40175B NEXPERIA-HEF40175B Datasheet
238Kb / 13P
   Quad D-type flip-flop
Rev. 10 - 29 November 2021
logo
ON Semiconductor
MC14175B ONSEMI-MC14175B Datasheet
96Kb / 8P
   Quad Type D Flip-Flop
August, 2000 ??Rev. 4
MC14175B ONSEMI-MC14175B_14 Datasheet
128Kb / 6P
   Quad Type D Flip-Flop
August, 2014 ??Rev. 9
logo
Fairchild Semiconductor
74AC175 FAIRCHILD-74AC175 Datasheet
99Kb / 9P
   Quad D-Type Flip-Flop
logo
Hitachi Semiconductor
HD74AC175 HITACHI-HD74AC175 Datasheet
59Kb / 10P
   Quad D-Type Flip-Flop
logo
ON Semiconductor
74VHC175 ONSEMI-74VHC175 Datasheet
338Kb / 11P
   Quad D-Type Flip-Flop
May 2007 Rev. 1.2
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com