Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74VHC08N Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce 74VHC08N
Description  Quad 2-Input AND Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC08N Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  74VHC08N Datasheet HTML 1Page - Fairchild Semiconductor 74VHC08N Datasheet HTML 2Page - Fairchild Semiconductor 74VHC08N Datasheet HTML 3Page - Fairchild Semiconductor 74VHC08N Datasheet HTML 4Page - Fairchild Semiconductor 74VHC08N Datasheet HTML 5Page - Fairchild Semiconductor 74VHC08N Datasheet HTML 6Page - Fairchild Semiconductor 74VHC08N Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions (Note 3)
Note 2: Absolute Maximum Ratings are values beyond which the device
may be damaged or have its useful life impaired. The databook specifica-
tions should be met, without exception, to ensure that the system design is
reliable over its power supply, temperature, and output/input loading vari-
ables. Fairchild does not recommend operation outside databook specifica-
tions.
Note 3: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Noise Characteristics
Note 4: Parameter guaranteed by design.
Supply Voltage (VCC)
0.5V to 7.0V
DC Input Voltage (VIN)
0.5V to 7.0V
DC Output Voltage (VOUT)
0.5V to VCC  0.5V
Input Diode Current (IIK)
20 mA
Output Diode Current (IOK)
r20 mA
DC Output Current (IOUT)
r25 mA
DC VCC/GND Current (ICC)
r50 mA
Storage Temperature (TSTG)
65qC to 150qC
Lead Temperature (TL)
(Soldering, 10 seconds)
260
qC
Supply Voltage (VCC)
2.0V to
5.5V
Input Voltage (VIN)0V to 5.5V
Output Voltage (VOUT)
0V to VCC
Operating Temperature (TOPR)
40qC to 85qC
Input Rise and Fall Time (tr, tf)
VCC 3.3V r 0.3V
0 ns/V
a 100 ns/V
VCC 5.0V r 0.5V
0 ns/V
a 20 ns/V
Symbol
Parameter
VCC
(V)
TA 25qCTA 40qC to 85qC
Units
Conditions
Min
Typ
Max
Min
Max
VIH
HIGH Level
2.0
1.50
1.50
V
Input Voltage
3.0
 5.5
0.7 VCC
0.7 VCC
VIL
LOW Level
2.0
0.50
0.50
V
Input Voltage
3.0 - 5.5
0.3 VCC
0.3 VCC
VOH
HIGH Level
2.0
1.9
2.0
1.9
VIN VIH IOH 50 PA
Output Voltage
3.0
2.9
3.0
2.9
V
or VIL
4.5
4.4
4.5
4.4
3.0
2.58
2.48
V
IOH 4 mA
4.5
3.94
3.80
IOH 8 mA
VOL
Low Level
2.0
0.0
0.1
0.1
VIN VIH IOL 50 PA
Output Voltage
3.0
0.0
0.1
0.1
V
or VIL
4.5
0.0
0.1
0.1
3.0
0.36
0.44
V
IOL 4 mA
4.5
0.36
0.44
IOL 8 mA
IIN
Input Leakage Current
0 - 5.5
r0.1
r1.0
PAVIN 5.5V or GND
ICC
Quiescent Supply Current
5.5
2.0
20.0
PAVIN VCC or GND
Symbol
Parameter
VCC
(V)
TA 25qC
Units
Conditions
Typ
Limits
VOLP
(Note 4)
Quiet Output Maximum Dynamic VOL
5.0
0.3
0.8
V
CL 50 pF
VOLV
(Note 4)
Quiet Output Minimum Dynamic VOL
5.0
0.3
0.8
V
CL 50 pF
VIHD
(Note 4)
Minimum HIGH Level Dynamic Input Voltage
5.0
3.5
V
CL 50 pF
VILD
(Note 4)
Maximum LOW Level Dynamic Input Voltage
5.0
1.5
V
CL 50 pF


Numéro de pièce similaire - 74VHC08N

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
74VHC08 STMICROELECTRONICS-74VHC08 Datasheet
53Kb / 7P
   QUAD 2-INPUT AND GATE
June 1999
74VHC08 STMICROELECTRONICS-74VHC08 Datasheet
148Kb / 8P
   QUAD 2-INPUT AND GATE
logo
Fairchild Semiconductor
74VHC08 FAIRCHILD-74VHC08 Datasheet
199Kb / 9P
   Quad 2-Input AND Gate
logo
STMicroelectronics
74VHC08 STMICROELECTRONICS-74VHC08 Datasheet
226Kb / 11P
   QUAD 2-INPUT AND GATE
logo
ON Semiconductor
74VHC08 ONSEMI-74VHC08 Datasheet
580Kb / 6P
   Quad 2-Input AND Gate
August-2017, Rev. 2
More results

Description similaire - 74VHC08N

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
   QUAD 2-INPUT AND GATE
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
   Quad 2-Input AND Gate
logo
Integral Corp.
IN74HC08 INTEGRAL-IN74HC08 Datasheet
74Kb / 4P
   Quad 2-Input AND Gate
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
   QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
   Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
   Quad 2-Input AND Gate
1999 REV 0
logo
Integral Corp.
IN74LV08 INTEGRAL-IN74LV08 Datasheet
58Kb / 5P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
   QUAD 2-INPUT AND GATE
logo
AVG Semiconductors(HITE...
DV74ACT08 AVG-DV74ACT08 Datasheet
237Kb / 3P
   Quad 2-Input AND Gate
logo
KODENSHI_AUK CORP.
KK74VHCT08 KODENSHI-KK74VHCT08 Datasheet
268Kb / 6P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
   QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com