Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-M456 Fiches technique(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-M456
Description  Small Outline, 5 Lead Intelligent Power Module Optocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-M456 Fiches technique(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-M456 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-M456 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-M456 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-M456 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-M456 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-M456 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-M456 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-M456 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-M456 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
TA – TEMPERATURE – °C
0.95
0.90
0.85
IF = 10 mA
VO = 0.6 V
1.00
0
40
60
100
-40
-20
20
80
1.05
0.80
TA – TEMPERATURE – °C
1.5
1.0
0.5
2.0
0
40
60
100
-40
-20
20
80
0
4.5 V
30 V
VF = 0.8 V
VCC = VO = 4.5 V OR 30 V
0.001
VF – FORWARD VOLTAGE – VOLTS
10
1.0
0.1
1000
1.10
1.60
1.20
1.30
1.40
1.50
TA = 25° C
0.01
100
0
IF – FORWARD CURRENT – mA
6
4
2
10
8
510
15
20
0
VO = 0.6 V
100° C
25° C
-40° C
IF
VF
+
Figure 2. Typical Transfer Characteristics.
Figure 3. Normalized Output Current vs. Temperature.
Figure 4. High Level Output Current vs. Temperature.
Figure 5. Input Current vs. Forward Voltage.


Numéro de pièce similaire - HCPL-M456

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-M456 HP-HCPL-M456 Datasheet
267Kb / 14P
   Intelligent Power Module and Gate Drive Interface Optocouplers
More results

Description similaire - HCPL-M456

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M46T AVAGO-ACPL-M46T Datasheet
170Kb / 13P
   Automotive Intelligent Power Module with R2Coupler Isolation and Small Outline, 5 Lead Package
HCPL-M454 AVAGO-HCPL-M454 Datasheet
235Kb / 12P
   Ultra High CMR, Small Outline, 5 Lead, High Speed Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-M454 HP-HCPL-M454 Datasheet
82Kb / 12P
   Ultra High CMR, Small Outline, 5 Lead, High Speed Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M453-000E AVAGO-HCPL-M453-000E Datasheet
152Kb / 9P
   Small Outline, 5 Lead, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-M452 HP-HCPL-M452 Datasheet
89Kb / 8P
   Small Outline, 5 Lead, High Speed Optocouplers
logo
Siemens Semiconductor G...
IL221A SIEMENS-IL221A Datasheet
53Kb / 3P
   PHOTODARLINGTON SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL215A SIEMENS-IL215A Datasheet
70Kb / 3P
   PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL211AT SIEMENS-IL211AT Datasheet
44Kb / 3P
   PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL221AT SIEMENS-IL221AT Datasheet
54Kb / 3P
   PHOTODARLINGTON SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL211A SIEMENS-IL211A Datasheet
46Kb / 3P
   PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com