Moteur de recherche de fiches techniques de composants électroniques |
|
TL-W20ME2 Fiches technique(PDF) 7 Page - Omron Electronics LLC |
|
TL-W20ME2 Fiches technique(HTML) 7 Page - Omron Electronics LLC |
7 / 8 page TL-W TL-W 7 TL-W20ME❑ 40 (1.57) 30 (1.18) 53 (2.09) 1.5 (0.06) 23 (0.91) 18 1 2 m (6.56 ft) cable Sensing surface s INFLUENCE OF SURROUNDING METALS When mounting the proximity sensor flush with a metallic panel, be sure to allow a minimum distance as shown in the table below. If the other side is open, the value of "l" is zero. Precautions Distance " l "n TL-W3M 3 mm (0.12 in) 12 mm (0.47 in) TL-W5M 5 mm (0.20 in) 20 mm (0.79 in) TL-W20M 25 mm (0.98 in) 100 mm (0.34 in) Distance A B TL-W3M 90 mm (3.54 in) 30 mm (1.18 in) TL-W5M 120 mm (4.72 in) 60 mm (2.36 in) TL-W5❑ 50 mm (1.97 in) 35 mm (1.38 in) TL-W20M 200 mm (7.87 in) 200 mm (7.87 in) When mounting two or more sensors of the same type face to face or side by side, be sure to provide a minimum distance as shown in the table below. s MUTUAL INTERFERENCE OPERATION indicator Two 5.5 dia. mounting holes 27 (11.06) ±0.1 6 (0.24) 5 (0.20) 5 (0.20) 18 (0.71) |
Numéro de pièce similaire - TL-W20ME2 |
|
Description similaire - TL-W20ME2 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |