Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

K103Z15Y5VF5.H5 Fiches technique(PDF) 8 Page - Vishay Siliconix

No de pièce K103Z15Y5VF5.H5
Description  Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K103Z15Y5VF5.H5 Fiches technique(HTML) 8 Page - Vishay Siliconix

Back Button K103Z15Y5VF5.H5 Datasheet HTML 4Page - Vishay Siliconix K103Z15Y5VF5.H5 Datasheet HTML 5Page - Vishay Siliconix K103Z15Y5VF5.H5 Datasheet HTML 6Page - Vishay Siliconix K103Z15Y5VF5.H5 Datasheet HTML 7Page - Vishay Siliconix K103Z15Y5VF5.H5 Datasheet HTML 8Page - Vishay Siliconix K103Z15Y5VF5.H5 Datasheet HTML 9Page - Vishay Siliconix K103Z15Y5VF5.H5 Datasheet HTML 10Page - Vishay Siliconix K103Z15Y5VF5.H5 Datasheet HTML 11Page - Vishay Siliconix K103Z15Y5VF5.H5 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
www.vishay.com
For technical questions, contact: cmll@vishay.com
Document Number: 45175
62
Revision: 16-Nov-09
Mono-Kap
Vishay
Multilayer Ceramic Dipped Radial Capacitors
50 VDC and 100 VDC
3900
50
K392J20C0GF5.L2
K392K20C0GF5.L2
2.5 (0.10)
3900
K392J20C0GF5.H5
K392K20C0GF5.H5
5.0 (0.20)
4700
K472J20C0GF5.L2
K472K20C0GF5.L2
2.5 (0.10)
4700
K472J20C0GF5.H5
K472K20C0GF5.H5
5.0 (0.20)
5600
K562J20C0GF5.L2
K562K20C0GF5.L2
2.5 (0.10)
5600
K562J20C0GF5.H5
K562K20C0GF5.H5
5.0 (0.20)
6800
K682J20C0GF5.L2
K682K20C0GF5.L2
2.5 (0.10)
6800
K682J20C0GF5.H5
K682K20C0GF5.H5
5.0 (0.20)
8200
K822J20C0GF5.L2
K822K20C0GF5.L2
2.5 (0.10)
8200
K822J20C0GF5.H5
K822K20C0GF5.H5
5.0 (0.20)
10 000
K103J20C0GF5.L2
K103K20C0GF5.L2
2.5 (0.10)
10 000
K103J20C0GF5.H5
K103K20C0GF5.H5
5.0 (0.20)
MONO-KAP Y5V - 100 VDC CLEAR TEXT CODE
CAPACITANCE (pF)
RATED VOLTAGE (VDC)
+ 80 %/- 20 % TOLERANCE
13th digit (T = Reel, U = Ammo, 3 = Bulk)
LEAD SPACING
mm (inch)
10 000
100
K103Z15Y5VH53L2
2.5 (0.10)
10 000
K103Z15Y5VH53H5
5.0 (0.20)
15 000
K153Z15Y5VH53L2
2.5 (0.10)
15 000
K153Z15Y5VH53H5
5.0 (0.20)
22 000
K223Z15Y5VH53L2
2.5 (0.10)
22 000
K223Z15Y5VH53H5
5.0 (0.20)
33 000
K333Z15Y5VH53L2
2.5 (0.10)
33 000
K333Z15Y5VH53H5
5.0 (0.20)
47 000
K473Z15Y5VH53L2
2.5 (0.10)
47 000
K473Z15Y5VH53H5
5.0 (0.20)
68 000
K683Z15Y5VH53L2
2.5 (0.10)
68 000
K683Z15Y5VH53H5
5.0 (0.20)
100 000
K104Z15Y5VH53L2
2.5 (0.10)
100 000
K104Z15Y5VH53H5
5.0 (0.20)
150 000
K154Z20Y5VH53L2
2.5 (0.10)
150 000
K154Z20Y5VH53H5
5.0 (0.20)
220 000
K224Z20Y5VH53L2
2.5 (0.10)
220 000
K224Z20Y5VH53H5
5.0 (0.20)
MONO-KAP C0G - 50 VDC CLEAR TEXT CODE
CAPACITANCE (pF)
RATED VOLTAGE (VDC)
5 % TOLERANCE
13th digit (T = Reel,
U = Ammo, 3 = Bulk)
10 % TOLERANCE
13th digit (T = Reel,
U = Ammo, 3 = Bulk)
LEAD SPACING
mm (inch)


Numéro de pièce similaire - K103Z15Y5VF5.H5

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
K103Z15Y5VF5.H5 VISHAY-K103Z15Y5VF5.H5 Datasheet
368Kb / 13P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Jan-06
More results

Description similaire - K103Z15Y5VF5.H5

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
K103M15X7RF5TH5 VISHAY-K103M15X7RF5TH5 Datasheet
104Kb / 13P
   Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Revision: 13-Apr-10
MONO-KAP50-100 VISHAY-MONO-KAP50-100 Datasheet
368Kb / 13P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Jan-06
K471J15C0GF53L2 VISHAY-K471J15C0GF53L2 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Sep-06
K331K15C0GL5TH5 VISHAY-K331K15C0GL5TH5 Datasheet
84Kb / 9P
   Multilayer Ceramic Dipped Radial Capacitors 200 VDC and 500 VDC
Revision: 16-Nov-09
MONO-AXIAL50-100 VISHAY-MONO-AXIAL50-100 Datasheet
296Kb / 10P
   Dipped Axial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 17-Jan-06
MONO-KAP200-500 VISHAY-MONO-KAP200-500 Datasheet
285Kb / 9P
   Dipped Radial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Jan-06
K103K10X7RF5UH5 VISHAY-K103K10X7RF5UH5 Datasheet
144Kb / 8P
   Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 16-Aug-12
KSERIES VISHAY-KSERIES Datasheet
147Kb / 8P
   Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
01-Jan-2022
K102J15C0GF5TH5 VISHAY-K102J15C0GF5TH5 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
MONO-AXIAL200-500 VISHAY-MONO-AXIAL200-500 Datasheet
254Kb / 8P
   Dipped Axial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Sep-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com