Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

K103K15X7RF53H5 Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce K103K15X7RF53H5
Description  Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K103K15X7RF53H5 Fiches technique(HTML) 2 Page - Vishay Siliconix

  K103K15X7RF53H5 Datasheet HTML 1Page - Vishay Siliconix K103K15X7RF53H5 Datasheet HTML 2Page - Vishay Siliconix K103K15X7RF53H5 Datasheet HTML 3Page - Vishay Siliconix K103K15X7RF53H5 Datasheet HTML 4Page - Vishay Siliconix K103K15X7RF53H5 Datasheet HTML 5Page - Vishay Siliconix K103K15X7RF53H5 Datasheet HTML 6Page - Vishay Siliconix K103K15X7RF53H5 Datasheet HTML 7Page - Vishay Siliconix K103K15X7RF53H5 Datasheet HTML 8Page - Vishay Siliconix K103K15X7RF53H5 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.vishay.com
For technical questions, contact: cmll@vishay.com
Document Number: 45175
56
Revision: 16-Nov-09
Mono-Kap
Vishay
Multilayer Ceramic Dipped Radial Capacitors
50 VDC and 100 VDC
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Capacitance range
10 pF to 8200 pF
100 pF to 1.0 µF
0.1 µF to 1.0 µF
Rated DC voltage
50 V
100 V
50 V
100 V
50 V
100 V
Tolerance on capacitance
± 5 %, ± 10 %
± 10 %, ± 20 %
+ 80 %/- 20 %
Dielectric Code
C0G (NP0)
X7R
Y5V
ORDERING INFORMATION
K
103
K
15
X7R
F
5
3
H
5
PRODUCT
TYPE
CAPACITANCE
CODE
CAPACITANCE
TOLERANCE
SIZE
CODE
TEMP.
CHAR.
RATED
VOLTAGE
LEAD
DIA.
LEAD LENGTH/
PACKAGING
LEAD
STYLE
LEAD
SPACING
K =
Mono-Kap
Two significant
digits followed by
the number of
zeros.
For example:
103 = 10 000 pF
J = ± 5 %
K = ± 10 %
M = ± 20 %
Z = + 80 %/- 20 %
Ref.
mech.
spec.
C0G
X7R
Y5V
F =
50 VDC
H =
100 VDC
5 =
0.5 mm
(0.20")
3 = Bulk, with lead
length of 30 mm
± 5.0 mm (1.25")
T = Tape and reel
U = Ammopack
L =
Straight
Lead
H =
High
seated
assy
2 =
2.5 mm
(0.100")
5 =
5.0 mm
(0.200")
Ordering Example: K-103-K-15-X7R-F-5-3-H-5


Numéro de pièce similaire - K103K15X7RF53H5

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
K103K15X7RF53L2 VISHAY-K103K15X7RF53L2 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
More results

Description similaire - K103K15X7RF53H5

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
K103M15X7RF5TH5 VISHAY-K103M15X7RF5TH5 Datasheet
104Kb / 13P
   Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Revision: 13-Apr-10
MONO-KAP50-100 VISHAY-MONO-KAP50-100 Datasheet
368Kb / 13P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Jan-06
K471J15C0GF53L2 VISHAY-K471J15C0GF53L2 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Sep-06
K331K15C0GL5TH5 VISHAY-K331K15C0GL5TH5 Datasheet
84Kb / 9P
   Multilayer Ceramic Dipped Radial Capacitors 200 VDC and 500 VDC
Revision: 16-Nov-09
MONO-AXIAL50-100 VISHAY-MONO-AXIAL50-100 Datasheet
296Kb / 10P
   Dipped Axial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 17-Jan-06
MONO-KAP200-500 VISHAY-MONO-KAP200-500 Datasheet
285Kb / 9P
   Dipped Radial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Jan-06
K103K10X7RF5UH5 VISHAY-K103K10X7RF5UH5 Datasheet
144Kb / 8P
   Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 16-Aug-12
KSERIES VISHAY-KSERIES Datasheet
147Kb / 8P
   Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
01-Jan-2022
K102J15C0GF5TH5 VISHAY-K102J15C0GF5TH5 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
MONO-AXIAL200-500 VISHAY-MONO-AXIAL200-500 Datasheet
254Kb / 8P
   Dipped Axial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Sep-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com