Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5235-EP Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD5235-EP
Description  Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5235-EP Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD5235-EP Datasheet HTML 6Page - Analog Devices AD5235-EP Datasheet HTML 7Page - Analog Devices AD5235-EP Datasheet HTML 8Page - Analog Devices AD5235-EP Datasheet HTML 9Page - Analog Devices AD5235-EP Datasheet HTML 10Page - Analog Devices AD5235-EP Datasheet HTML 11Page - Analog Devices AD5235-EP Datasheet HTML 12Page - Analog Devices AD5235-EP Datasheet HTML 13Page - Analog Devices AD5235-EP Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD5235-EP
Rev. 0 | Page 10 of 16
CODE (Decimal)
0
200
400
800
600
1000
1200
36
30
28
34
32
22
24
26
18
20
16
VDD = 3V
VSS = 0V
TA = 25°C
Figure 11. Wiper On Resistance vs. Code
CODE (Decimal)
–40
–20
0
40
20
60
100
80
4
2
3
1
0
–1
IDD @ VDD/VSS = 5V/0V
IDD @ VDD/VSS = 2.7V/0V
ISS @ VDD/VSS = 2.7V/0V
ISS @ VDD/VSS = 5V/0V
Figure 12. IDD vs. Temperature
FREQUENCY (Hz)
0
2M
4M
6M
8M
10M
12M
0.25
0.15
0.20
0.10
0.05
0
MIDSCALE
FULL SCALE
ZERO SCALE
VDD/VSS = 5V/0V
Figure 13. IDD vs. Clock Frequency
FREQUENCY (Hz)
0.01k
0.1k
1k
10k
100k
0.28
0.20
0.24
0.16
0.12
0.08
0.04
0
VDD/VSS = ±2.5V
VA = 1V rms
Figure 14. THD + Noise vs. Frequency
FREQUENCY (Hz)
1k
10k
100k
1M
3
–3
0
–6
–9
–12
VDD/VSS = ±2.5V
VA = 1V rms
D = MIDSCALE
f–3dB = 125kHz
Figure 15. −3 dB Bandwidth vs. Resistance (See Figure 29)
FREQUENCY (Hz)
1k
10k
100k
1M
0
–20
–10
–30
–40
–50
–60
CODE 0x200
0x100
0x080
0x040
0x020
0x010
0x008
0x004
0x002
0x001
Figure 16. Gain vs. Frequency vs. Code (See Figure 29)


Numéro de pièce similaire - AD5235-EP

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5235 AD-AD5235 Datasheet
664Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
AD5235 AD-AD5235 Datasheet
268Kb / 20P
   8-Bit Dual Nonvolatile Memory Digital Potentiometer
REV. 0
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
AD5235BRU25 AD-AD5235BRU25 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
AD5235BRU250 AD-AD5235BRU250 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
More results

Description similaire - AD5235-EP

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5235BRUZ250 AD-AD5235BRUZ250 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
ADN2850BRUZ25-RL7 AD-ADN2850BRUZ25-RL7 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
ADN2850 AD-ADN2850_15 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
ADN2850 AD-ADN2850_16 Datasheet
749Kb / 30P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
AD5231 AD-AD5231 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5232 AD-AD5232_15 Datasheet
867Kb / 24P
   Nonvolatile Memory, Dual 256-Position Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com