Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74VCXH162240MTD Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce 74VCXH162240MTD
Description  Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26廓 Series Resistors in Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCXH162240MTD Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  74VCXH162240MTD Datasheet HTML 1Page - Fairchild Semiconductor 74VCXH162240MTD Datasheet HTML 2Page - Fairchild Semiconductor 74VCXH162240MTD Datasheet HTML 3Page - Fairchild Semiconductor 74VCXH162240MTD Datasheet HTML 4Page - Fairchild Semiconductor 74VCXH162240MTD Datasheet HTML 5Page - Fairchild Semiconductor 74VCXH162240MTD Datasheet HTML 6Page - Fairchild Semiconductor 74VCXH162240MTD Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions (Note 4)
Note 2: The Absolute Maximum Ratings are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the Absolute Maximum Rat-
ings. The “Recommended Operating Conditions” table will define the condi-
tions for actual device operation.
Note 3: IO Absolute Maximum Rating must be observed.
Note 4: Floating or unused control inputs must be held HIGH or LOW.
DC Electrical Characteristics (2.7V
< V
CC ≤ 3.6V)
Note 5: An external driver must source at least the specified current to switch from LOW-to-HIGH.
Note 6: An external driver must sink at least the specified current to switch from HIGH-to-LOW.
Note 7: Outputs disabled or 3-STATE only.
Supply Voltage (VCC)
−0.5V to +4.6V
DC Input Voltage (VI)
OEn
−0.5V to 4.6V
I0 – I15
−0.5V to V
CC + 0.5V
Output Voltage (VO)
Outputs 3-STATED
−0.5V to +4.6V
Outputs Active (Note 3)
−0.5V to V
CC +0.5V
DC Input Diode Current (IIK)
VI < 0V
−50 mA
DC Output Diode Current (IOK)
VO < 0V
−50 mA
VO > VCC
+50 mA
DC Output Source/Sink Current
(IOH/IOL)
±50 mA
DC VCC or GND Current per
Supply Pin (ICC or GND)
±100 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Power Supply
Operating
1.65V to 3.6V
Data Retention Only
1.2V to 3.6V
Input Voltage
−0.3V to V
CC
Output Voltage (VO)
Output in Active States
0V to VCC
Output in 3-STATE
0.0V to 3.6V
Output Current in IOH/IOL
VCC = 3.0V to 3.6V
±12 mA
VCC = 2.3V to 2.7V
±8 mA
VCC = 1.65V to 2.3V
±3 mA
Free Air Operating Temperature (TA)
−40°C to +85°C
Minimum Input Edge Rate (
∆t/∆V)
VIN = 0.8V to 2.0V, VCC = 3.0V
10 ns/V
Symbol
Parameter
Conditions
VCC
(V)
Min
Max
Units
VIH
HIGH Level Input Voltage
2.7
− 3.6
2.0
V
VIL
LOW Level Input Voltage
2.7
− 3.6
0.8
V
VOH
HIGH Level Output Voltage
IOH = −100 µA2.7 − 3.6
VCC − 0.2
V
IOH = −6 mA
2.7
2.2
V
IOH = −8 mA
3.0
2.4
V
IOH = −12 mA
3.0
2.2
V
VOL
LOW Level Output Voltage
IOL = 100 µA2.7 − 3.6
0.2
V
IOL = 6 mA
2.7
0.4
V
IOL = 8 mA
3.0
0.55
V
IOL = 12 mA
3.0
0.80
V
II
Input Leakage Current
Control Pins
0
≤ V
I ≤ 3.6V
2.7
− 3.6
±5.0
µA
Data Pins
VI = VCC or GND
2.7
− 3.6
±5.0
µA
II(HOLD)
Bushold Input Minimum
VIN = 0.8V
3.0
75
µA
Drive Hold Current
VIN = 2.0V
3.0
−75
II(OD)
Bushold Input Over-Drive
(Note 5)
3.6
450
µA
Current to Change State
(Note 6)
3.6
−450
IOZ
3-STATE Output Leakage
0
≤ V
O ≤ 3.6V
2.7
− 3.6
±10
µA
VI = VIH or VIL
IOFF
Power-OFF Leakage Current
0
≤ (V
O) ≤ 3.6V
0
10
µA
ICC
Quiescent Supply Current
VI = VCC or GND
2.7
− 3.6
20
µA
VCC ≤ (VO) ≤ 3.6V (Note 7)
2.7
− 3.6
±20
µA
∆I
CC
Increase in ICC per Input
VIH = VCC −0.6V
2.7
− 3.6
750
µA


Numéro de pièce similaire - 74VCXH162240MTD

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74VCXH162244 FAIRCHILD-74VCXH162244 Datasheet
77Kb / 7P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26W Series Resistor in Outputs
74VCXH162244 FAIRCHILD-74VCXH162244 Datasheet
138Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26ohm Series Resistor in Outputs
74VCXH162244MTD FAIRCHILD-74VCXH162244MTD Datasheet
77Kb / 7P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26W Series Resistor in Outputs
74VCXH162244MTD FAIRCHILD-74VCXH162244MTD Datasheet
138Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26ohm Series Resistor in Outputs
74VCXH162244MTX FAIRCHILD-74VCXH162244MTX Datasheet
77Kb / 7P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26W Series Resistor in Outputs
More results

Description similaire - 74VCXH162240MTD

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74ALVCH162240 FAIRCHILD-74ALVCH162240 Datasheet
86Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26??Series Resistors in Outputs
74LCXH162244 FAIRCHILD-74LCXH162244 Datasheet
110Kb / 9P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26??Series Resistors in Outputs
74VCX162240 FAIRCHILD-74VCX162240 Datasheet
53Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in Outputs
74ALVCH162244 FAIRCHILD-74ALVCH162244 Datasheet
81Kb / 6P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26??Series Resistor in Outputs
74ALVCH16240 FAIRCHILD-74ALVCH16240 Datasheet
85Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold
74VCXH16240 FAIRCHILD-74VCXH16240 Datasheet
76Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold
74VCXH162373 FAIRCHILD-74VCXH162373 Datasheet
86Kb / 7P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26廓 Series Resistors in Outputs
74ALVC162240 FAIRCHILD-74ALVC162240 Datasheet
83Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs
74VCXH162244 FAIRCHILD-74VCXH162244 Datasheet
77Kb / 7P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26W Series Resistor in Outputs
74VCXH162244 FAIRCHILD-74VCXH162244_05 Datasheet
138Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26ohm Series Resistor in Outputs
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com