Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74VCX163245MTD Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce 74VCX163245MTD
Description  Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX163245MTD Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  74VCX163245MTD Datasheet HTML 1Page - Fairchild Semiconductor 74VCX163245MTD Datasheet HTML 2Page - Fairchild Semiconductor 74VCX163245MTD Datasheet HTML 3Page - Fairchild Semiconductor 74VCX163245MTD Datasheet HTML 4Page - Fairchild Semiconductor 74VCX163245MTD Datasheet HTML 5Page - Fairchild Semiconductor 74VCX163245MTD Datasheet HTML 6Page - Fairchild Semiconductor 74VCX163245MTD Datasheet HTML 7Page - Fairchild Semiconductor 74VCX163245MTD Datasheet HTML 8Page - Fairchild Semiconductor 74VCX163245MTD Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2005 Fairchild Semiconductor Corporation
ds500168
www.fairchildsemi.com
March 2000
Revised June 2005
74VCX163245
Low Voltage 16-Bit Dual Supply Translating Transceiver
with 3-STATE Outputs
General Description
The VCX163245 is a dual supply, 16-bit translating trans-
ceiver that is designed for 2 way asynchronous communi-
cation between busses at different supply voltages by
providing true signal translation. The supply rails consist of
VCCA, which is a higher potential rail operating at 2.3V to
3.6V and VCCB, which is the lower potential rail operating at
1.65V to 2.7V. (VCCB must be less than or equal to VCCA
for proper device operation). This dual supply design
allows for translation from 1.8V to 2.5V busses to busses at
a higher potential, up to 3.3V.
The Transmit/Receive (T/R) input determines the direction
of data flow. Transmit (active-HIGH) enables data from A
Ports to B Ports; Receive (active-LOW) enables data from
B Ports to A Ports. The Output Enable (OE) input, when
HIGH, disables both A and B Ports by placing them in a
High-Z condition. The A Port interfaces with the higher volt-
age bus (2.7V to 3.3V); The B Port interfaces with the lower
voltage bus (1.8V to 2.5V). Also the VCX163245 is
designed so that the control pins (T/Rn, OEn) are supplied
by VCCB.
The 74VCX163245 is suitable for mixed voltage applica-
tions such as notebook computers using a 1.8V CPU and
3.3V peripheral components. It is fabricated with an
Advanced CMOS technology to achieve high speed opera-
tion while maintaining low CMOS power dissipation.
Features
s Bidirectional interface between busses ranging from
1.65V to 3.6V
s Supports Live Insertion and Withdrawal (Note 1)
s Static Drive (IOH/IOL)
r24 mA @ 3.0V VCC
r18 mA @ 2.3V VCC
r6 mA @ 1.65V VCC
s Uses patented Quiet Series
¥ noise/EMI reduction
circuitry
s Functionally compatible with 74 series 16245
s Latchup performance exceeds 300 mA
s ESD performance:
Human Body Model
!2000V
Machine model
!200V
s Also packaged in plastic Fine-Pitch Ball Grid Array
(FBGA)
Note 1: To ensure the high impedance state during power up or power
down, OEn should be tied to VCCB through a pull up resistor. The minimum
value of the resistor is determined by the current sourcing capability of the
driver.
Ordering Code:
Note 2: Ordering code “G” indicates Trays.
Note 3: Device also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Diagram
Quiet Series
¥ is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74VCX163245G
(Note 2)(Note 3)
BGA54A
54-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide
74VCX163245MTD
(Note 3)
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide


Numéro de pièce similaire - 74VCX163245MTD

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
74VCX163245MTD ONSEMI-74VCX163245MTD Datasheet
316Kb / 14P
   Low Voltage 16-Bit Dual Supply Translating Transceiver
May 2007 Rev. 1.7
logo
Fairchild Semiconductor
74VCX163245MTD FAIRCHILD-74VCX163245MTD_07 Datasheet
338Kb / 12P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
More results

Description similaire - 74VCX163245MTD

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74VCX164245 FAIRCHILD-74VCX164245 Datasheet
101Kb / 9P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74VCX163245 FAIRCHILD-74VCX163245_07 Datasheet
338Kb / 12P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74ALVC163245 FAIRCHILD-74ALVC163245 Datasheet
106Kb / 9P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX4245 FAIRCHILD-74LVX4245 Datasheet
86Kb / 8P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
Nexperia B.V. All right...
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
   16-bit dual supply translating transceiver 3-state
logo
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245_15 Datasheet
282Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
logo
Fairchild Semiconductor
74LVX3245WMX FAIRCHILD-74LVX3245WMX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245MTCX FAIRCHILD-74LVX3245MTCX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245_10 Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com