Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74VCX163245MTD Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce 74VCX163245MTD
Description  Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX163245MTD Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  74VCX163245MTD Datasheet HTML 1Page - Fairchild Semiconductor 74VCX163245MTD Datasheet HTML 2Page - Fairchild Semiconductor 74VCX163245MTD Datasheet HTML 3Page - Fairchild Semiconductor 74VCX163245MTD Datasheet HTML 4Page - Fairchild Semiconductor 74VCX163245MTD Datasheet HTML 5Page - Fairchild Semiconductor 74VCX163245MTD Datasheet HTML 6Page - Fairchild Semiconductor 74VCX163245MTD Datasheet HTML 7Page - Fairchild Semiconductor 74VCX163245MTD Datasheet HTML 8Page - Fairchild Semiconductor 74VCX163245MTD Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 4)
Recommended Operating
Conditions (Note 6)
Note 4: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 5: IO Absolute Maximum Rating must be observed.
Note 6: Unused inputs or I/O pins must be held HIGH or LOW. They may
not float.
Note 7: Operation requires: VCCB d VCCA
DC Electrical Characteristics (1.65V
 VCCB d 1.95V, 2.3V  VCCA d 2.7V)
Supply Voltage
VCCA
0.5V to 4.6V
VCCB
0.5V to VCCA
DC Input Voltage (VI)
0.5V to 4.6V
DC Output Voltage (VI/O)
Outputs 3-STATE
0.5V to 4.6V
Outputs Active (Note 5)
An
0.5V to VCCA  0.5V
Bn
0.5V to VCCB  0.5V
DC Input Diode Current (IIK)
VI  0V
50 mA
DC Output Diode Current (IOK)
VO  0V
50 mA
VO ! VCC
50 mA
DC Output Source/Sink Current
(IOH/IOL)
r50 mA
DC VCC or Ground Current
r100 mA
Supply Pin (ICC or Ground)
Storage Temperature (TSTG)
65qC to 150qC
Power Supply (Note 7)
VCCA
2.3V to 3.6V
VCCB
1.65V to 2.7V
Input Voltage (VI) @ OE, T/R
0V to VCCB
Input/Output Voltage (VI/O)
An
0V to VCCA
Bn
0V to VCCB
Output Current in IOH/IOL
VCCA 3.0V to 3.6V
r24 mA
VCCA 2.3V to 2.7V
r18 mA
VCCB 2.3V to 2.7V
r18 mA
VCCB 1.65V to 1.95V
r6 mA
Free Air Operating Temperature (TA
40qC to 85qC
Minimum Input Edge Rate (
't/'V)
VIN 0.8V to 2.0V, VCC 3.0V
10 ns/V
Symbol
Parameter
Conditions
VCCB
VCCA
Min
Max
Units
(V)
(V)
VIHA
HIGH Level Input Voltage An
1.65–1.95
2.3–2.7
1.6
V
VIHB
Bn, T/R, OE
1.65–1.95
2.3–2.7
0.65 x VCCB
V
VILA
LOW Level Input Voltage
An
1.65–1.95
2.3–2.7
0.7
V
VILB
Bn, T/R, OE
1.65–1.95
2.3–2.7
0.35 x VCCB
V
VOHA
HIGH Level Output Voltage
IOH 100 PA1.65–1.95
2.3–2.7
VCCA–0.2
V
IOH 18 mA
1.65
2.3–2.7
1.7
VOHB
HIGH Level Output Voltage
IOH 100 PA1.65–1.95
2.3–2.7
VCCB–0.2
V
IOH 6 mA
1.65–1.95
2.3
1.25
VOLA
Low Level Output Voltage
IOL 100 PA1.65–1.95
2.3–2.7
0.2
V
IOL 18 mA
1.65
2.3–2.7
0.6
VOLB
Low Level Output Voltage
IOL 100 PA1.65–1.95
2.3–2.7
0.2
V
IOL 6 mA
1.65–1.95
2.3
0.3
II
Input Leakage Current @ OE, T/R
0V
d VI d 3.6V
1.65–1.95
2.3–2.7
r5.0
PA
IOZ
3-STATE Output Leakage
0V
d VO d 3.6V
1.65–1.95
2.3–2.7
r10
PA
OE
VCCB
VI VIH or VIL
IOFF
Power Off Leakage Current
0
d (VI, VO) d 3.6V
0
0
10
PA
ICCA/ICCB
Quiescent Supply Current,
An VCCA or GND
1.65–1.95
2.3–2.7
20
PA
per supply, VCCA / VCCB
Bn, OE, & T/R VCCB or GND
VCCA d An d 3.6V
1.65–1.95
2.3–2.7
r20
PA
VCCB d Bn, OE, T/R d 3.6V
'ICC
Increase in ICC per Input, Bn, T/R, OE
VI VCCB – 0.6V
1.65–1.95
2.3–2.7
750
PA
Increase in ICC per Input, An
VI VCCA – 0.6V
1.65–1.95
2.3–2.7
750
PA


Numéro de pièce similaire - 74VCX163245MTD

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
74VCX163245MTD ONSEMI-74VCX163245MTD Datasheet
316Kb / 14P
   Low Voltage 16-Bit Dual Supply Translating Transceiver
May 2007 Rev. 1.7
logo
Fairchild Semiconductor
74VCX163245MTD FAIRCHILD-74VCX163245MTD_07 Datasheet
338Kb / 12P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
More results

Description similaire - 74VCX163245MTD

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74VCX164245 FAIRCHILD-74VCX164245 Datasheet
101Kb / 9P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74VCX163245 FAIRCHILD-74VCX163245_07 Datasheet
338Kb / 12P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74ALVC163245 FAIRCHILD-74ALVC163245 Datasheet
106Kb / 9P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX4245 FAIRCHILD-74LVX4245 Datasheet
86Kb / 8P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
Nexperia B.V. All right...
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
   16-bit dual supply translating transceiver 3-state
logo
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245_15 Datasheet
282Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
logo
Fairchild Semiconductor
74LVX3245WMX FAIRCHILD-74LVX3245WMX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245MTCX FAIRCHILD-74LVX3245MTCX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245_10 Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com