Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

74VCX163245 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce 74VCX163245
Description  Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX163245 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  74VCX163245 Datasheet HTML 1Page - Fairchild Semiconductor 74VCX163245 Datasheet HTML 2Page - Fairchild Semiconductor 74VCX163245 Datasheet HTML 3Page - Fairchild Semiconductor 74VCX163245 Datasheet HTML 4Page - Fairchild Semiconductor 74VCX163245 Datasheet HTML 5Page - Fairchild Semiconductor 74VCX163245 Datasheet HTML 6Page - Fairchild Semiconductor 74VCX163245 Datasheet HTML 7Page - Fairchild Semiconductor 74VCX163245 Datasheet HTML 8Page - Fairchild Semiconductor 74VCX163245 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 4)
Recommended Operating
Conditions (Note 6)
Note 4: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 5: IO Absolute Maximum Rating must be observed.
Note 6: Unused inputs or I/O pins must be held HIGH or LOW. They may
not float.
Note 7: Operation requires: VCCB d VCCA
DC Electrical Characteristics (1.65V
 VCCB d 1.95V, 2.3V  VCCA d 2.7V)
Supply Voltage
VCCA
0.5V to 4.6V
VCCB
0.5V to VCCA
DC Input Voltage (VI)
0.5V to 4.6V
DC Output Voltage (VI/O)
Outputs 3-STATE
0.5V to 4.6V
Outputs Active (Note 5)
An
0.5V to VCCA  0.5V
Bn
0.5V to VCCB  0.5V
DC Input Diode Current (IIK)
VI  0V
50 mA
DC Output Diode Current (IOK)
VO  0V
50 mA
VO ! VCC
50 mA
DC Output Source/Sink Current
(IOH/IOL)
r50 mA
DC VCC or Ground Current
r100 mA
Supply Pin (ICC or Ground)
Storage Temperature (TSTG)
65qC to 150qC
Power Supply (Note 7)
VCCA
2.3V to 3.6V
VCCB
1.65V to 2.7V
Input Voltage (VI) @ OE, T/R
0V to VCCB
Input/Output Voltage (VI/O)
An
0V to VCCA
Bn
0V to VCCB
Output Current in IOH/IOL
VCCA 3.0V to 3.6V
r24 mA
VCCA 2.3V to 2.7V
r18 mA
VCCB 2.3V to 2.7V
r18 mA
VCCB 1.65V to 1.95V
r6 mA
Free Air Operating Temperature (TA
40qC to 85qC
Minimum Input Edge Rate (
't/'V)
VIN 0.8V to 2.0V, VCC 3.0V
10 ns/V
Symbol
Parameter
Conditions
VCCB
VCCA
Min
Max
Units
(V)
(V)
VIHA
HIGH Level Input Voltage An
1.65–1.95
2.3–2.7
1.6
V
VIHB
Bn, T/R, OE
1.65–1.95
2.3–2.7
0.65 x VCCB
V
VILA
LOW Level Input Voltage
An
1.65–1.95
2.3–2.7
0.7
V
VILB
Bn, T/R, OE
1.65–1.95
2.3–2.7
0.35 x VCCB
V
VOHA
HIGH Level Output Voltage
IOH 100 PA1.65–1.95
2.3–2.7
VCCA–0.2
V
IOH 18 mA
1.65
2.3–2.7
1.7
VOHB
HIGH Level Output Voltage
IOH 100 PA1.65–1.95
2.3–2.7
VCCB–0.2
V
IOH 6 mA
1.65–1.95
2.3
1.25
VOLA
Low Level Output Voltage
IOL 100 PA1.65–1.95
2.3–2.7
0.2
V
IOL 18 mA
1.65
2.3–2.7
0.6
VOLB
Low Level Output Voltage
IOL 100 PA1.65–1.95
2.3–2.7
0.2
V
IOL 6 mA
1.65–1.95
2.3
0.3
II
Input Leakage Current @ OE, T/R
0V
d VI d 3.6V
1.65–1.95
2.3–2.7
r5.0
PA
IOZ
3-STATE Output Leakage
0V
d VO d 3.6V
1.65–1.95
2.3–2.7
r10
PA
OE
VCCB
VI VIH or VIL
IOFF
Power Off Leakage Current
0
d (VI, VO) d 3.6V
0
0
10
PA
ICCA/ICCB
Quiescent Supply Current,
An VCCA or GND
1.65–1.95
2.3–2.7
20
PA
per supply, VCCA / VCCB
Bn, OE, & T/R VCCB or GND
VCCA d An d 3.6V
1.65–1.95
2.3–2.7
r20
PA
VCCB d Bn, OE, T/R d 3.6V
'ICC
Increase in ICC per Input, Bn, T/R, OE
VI VCCB – 0.6V
1.65–1.95
2.3–2.7
750
PA
Increase in ICC per Input, An
VI VCCA – 0.6V
1.65–1.95
2.3–2.7
750
PA


Html Pages

1  2  3  4  5  6  7  8  9 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
74VCX164245 Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
74ALVC163245 Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LVXC3245 8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LVT162245 Low Voltage 16-Bit Transceiver with 3-STATE Outputs and 25ohm Series Resistors in A Port Outputs 1  2  3  4  5  More Fairchild Semiconductor
FXL2T245 Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LVXC164245 16-Bit Dual Supply Configurable Voltage Interface Transceiver with TRI-STATE-R Outputs 1  2  3  4  National Semiconductor (TI)
74LVX3245 8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LVT16245 Low Voltage 16-Bit Transceiver with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
SN74LVC2T45 DUAL BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
FXL4245 Low Voltage Dual Supply 8-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn