Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74VCX162835MTD Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce 74VCX162835MTD
Description  Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX162835MTD Fiches technique(HTML) 7 Page - Fairchild Semiconductor

  74VCX162835MTD Datasheet HTML 1Page - Fairchild Semiconductor 74VCX162835MTD Datasheet HTML 2Page - Fairchild Semiconductor 74VCX162835MTD Datasheet HTML 3Page - Fairchild Semiconductor 74VCX162835MTD Datasheet HTML 4Page - Fairchild Semiconductor 74VCX162835MTD Datasheet HTML 5Page - Fairchild Semiconductor 74VCX162835MTD Datasheet HTML 6Page - Fairchild Semiconductor 74VCX162835MTD Datasheet HTML 7Page - Fairchild Semiconductor 74VCX162835MTD Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
www.fairchildsemi.com
AC Loading and Waveforms
FIGURE 3. AC Test Circuit
FIGURE 4. Waveform for Inverting and
Non-inverting Functions
tr = tf ≤ 2.0ns, 10% to 90%
FIGURE 5. 3-STATE Output High Enable and
Disable Times for Low Voltage Logic
tr = tf ≤ 2.0ns, 10% to 90%
FIGURE 6. 3-STATE Output Low Enable and Disable Times for Low Voltage Logic
tr = tf ≤ 2.0ns, 10% to 90%
TEST
SWITCH
tPLH, tPHL
Open
tPZL, tPLZ
6V at VCC = 3.3 ± 0.3V;
VCC x 2 at VCC = 2.5 ± 0.2V; 1.8V to ± 0.15V
tPZH, tPHZ
GND
Symbol
VCC
3.3V
± 0.3V
2.5V
± 0.2V
1.8
± 0.15V
Vmi
1.5V
VCC/2
VCC/2
Vmo
1.5V
VCC/2
VCC/2
Vx
VOL + 0.3V
VOL + 0.15V
VOL + 0.15V
Vy
VOH − 0.3V
VOH − 0.15V
VOH − 0.15V


Numéro de pièce similaire - 74VCX162835MTD

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74VCX162838 FAIRCHILD-74VCX162838 Datasheet
77Kb / 7P
   Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
74VCX162838MTD FAIRCHILD-74VCX162838MTD Datasheet
77Kb / 7P
   Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
74VCX162839 FAIRCHILD-74VCX162839 Datasheet
61Kb / 7P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the Outputs
74VCX162839 FAIRCHILD-74VCX162839 Datasheet
75Kb / 7P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs/Outputs and 26ohm Series Resistors in the Outputs
74VCX162839MTD FAIRCHILD-74VCX162839MTD Datasheet
61Kb / 7P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the Outputs
More results

Description similaire - 74VCX162835MTD

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74ALVC162835 FAIRCHILD-74ALVC162835 Datasheet
89Kb / 7P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in Outputs
74ALVCF162835 FAIRCHILD-74ALVCF162835 Datasheet
106Kb / 7P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26??Series Resistors in Outputs
74VCXF162835 FAIRCHILD-74VCXF162835 Datasheet
74Kb / 8P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26??Series Resistors in Outputs
74VCXF16283_0011 FAIRCHILD-74VCXF16283_0011 Datasheet
77Kb / 8P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26??Series Resistors in Outputs
74ALVCR162601 FAIRCHILD-74ALVCR162601 Datasheet
92Kb / 6P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
74VCXR162601 FAIRCHILD-74VCXR162601_04 Datasheet
140Kb / 9P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
74ALVCF322835 FAIRCHILD-74ALVCF322835 Datasheet
161Kb / 8P
   Low Voltage 36-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26??Series Resistors in Outputs
74ALVC16835 FAIRCHILD-74ALVC16835 Datasheet
88Kb / 7P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX162835FT TOSHIBA-TC74VCX162835FT Datasheet
450Kb / 13P
   LOW VOLTAGE 18-BIT UNIVERSAL BUS DRIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX16835 FAIRCHILD-74VCX16835 Datasheet
98Kb / 10P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com