Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCC-103A-PT Fiches technique(PDF) 9 Page - ON Semiconductor

No de pièce TCC-103A-PT
Description  PTIC Control IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TCC-103A-PT Fiches technique(HTML) 9 Page - ON Semiconductor

Back Button TCC-103A-PT Datasheet HTML 5Page - ON Semiconductor TCC-103A-PT Datasheet HTML 6Page - ON Semiconductor TCC-103A-PT Datasheet HTML 7Page - ON Semiconductor TCC-103A-PT Datasheet HTML 8Page - ON Semiconductor TCC-103A-PT Datasheet HTML 9Page - ON Semiconductor TCC-103A-PT Datasheet HTML 10Page - ON Semiconductor TCC-103A-PT Datasheet HTML 11Page - ON Semiconductor TCC-103A-PT Datasheet HTML 12Page - ON Semiconductor TCC-103A-PT Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
TCC−103
http://onsemi.com
9
Table 9. VIO THRESHOLDS
(AVDD from 2.3 V to 5.5 V; TA = –30 to +85°C unless otherwise specified)
Parameter
Description
Min
Typ
Max
Unit
Comment
VIORST
VIO Low Threshold
0.2
V
When VIO is lowered below this threshold level the
chip is reset and placed into the Shutdown state.
Power Supply Sequencing
The AVDD input is typically directly supplied from the
battery and thus is the first on. After AVDD is applied and
before VIO is applied to the chip all circuits are in the
shutdown state and draw minimum leakage currents. Upon
application of VIO the chip automatically starts up using
default settings and is placed in the active state waiting for
a command via the serial interface.
Table 10. TIMING
(AVDD from 2.3 V to 5.5 V; VIO from 1.1 V to 3.0 V; TA = –30 to +85°C; OUT A, OUT B & OUT C; CHV = 22 nF; LBOOST =15 mH;
VHV = 20 V; Turbo-Charge mode Off unless otherwise specified)
Parameter
Description
Min
Typ
Max
Unit
Comment
TPOR_VREG
Internal Bias settling time from Shutdown to Active
mode
50
120
ms
For Info Only
TBOOST_START
Time to charge CHV @ 95% of set VHV
130
ms
For Info Only
TSD_TO_ACT
Startup time from Shutdown to Active mode
180
250
ms
TSET+
Output A, B, C Positive settling time to within 5%
of the delta voltage, equivalent series load of
5.6 kW and 2.7 nF, VOUT from 2 V to 20 V; 0Bh
(11d) to 55h (85d)
50
60
ms
Voltage Settling Time
Connected on
VOUT A, B, C
TSET−
Output A, B, C Negative settling time to within 5%
of the delta voltage, equivalent series load of
5.6 kW and 2.7 nF, VOUT from 20 V to 2 V; 55h
(85d) to 0Bh (11d)
50
60
ms
Voltage Cettling Time
Connected on
VOUT A, B, C
Figure 4. Output Setting Diagram


Numéro de pièce similaire - TCC-103A-PT

FabricantNo de pièceFiches techniqueDescription
logo
Moxa Inc.
TCC-100 MOXA-TCC-100 Datasheet
783Kb / 4P
   Industrial RS-232 to RS-422/485 converters
TCC-100-T MOXA-TCC-100-T Datasheet
783Kb / 4P
   Industrial RS-232 to RS-422/485 converters
TCC-100I MOXA-TCC-100I Datasheet
783Kb / 4P
   Industrial RS-232 to RS-422/485 converters
TCC-100I-T MOXA-TCC-100I-T Datasheet
783Kb / 4P
   Industrial RS-232 to RS-422/485 converters
logo
ON Semiconductor
TCC-106 ONSEMI-TCC-106 Datasheet
505Kb / 24P
   Six-Output PTIC Control IC
September, 2015 ??Rev. 5
More results

Description similaire - TCC-103A-PT

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
TCC-106 ONSEMI-TCC-106 Datasheet
505Kb / 24P
   Six-Output PTIC Control IC
September, 2015 ??Rev. 5
TCC-206 ONSEMI-TCC-206 Datasheet
559Kb / 33P
   Six-Output PTIC Control IC
November, 2015 ??Rev. 1
TCC-303 ONSEMI-TCC-303 Datasheet
583Kb / 32P
   Three-Output PTIC Control IC
September, 2019 ??Rev. 5
TCC-303-D ONSEMI-TCC-303-D Datasheet
609Kb / 32P
   Three-Output PTIC Control IC
September, 2017 ??Rev. 4
TCC-404 ONSEMI-TCC-404 Datasheet
511Kb / 40P
   Four-Output PTIC Control IC
September, 2019 ??Rev. 1
TCC-202 ONSEMI-TCC-202 Datasheet
447Kb / 23P
   Two-Output PTIC Control IC
November, 2015 ??Rev. 2
TCC-226 ONSEMI-TCC-226 Datasheet
960Kb / 33P
   Six-Output PTIC Control IC
June, 2016 ??Rev. 0
logo
Shindengen Electric Mfg...
MS1003SH SHINDENGEN-MS1003SH Datasheet
1Mb / 41P
   Control IC
logo
International Rectifier
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7532 FAIRCHILD-FAN7532 Datasheet
252Kb / 16P
   Ballast Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com