Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

74LVX161284A Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce 74LVX161284A
Description  Low Voltage IEEE 161284 Translating Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX161284A Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  74LVX161284A Datasheet HTML 1Page - Fairchild Semiconductor 74LVX161284A Datasheet HTML 2Page - Fairchild Semiconductor 74LVX161284A Datasheet HTML 3Page - Fairchild Semiconductor 74LVX161284A Datasheet HTML 4Page - Fairchild Semiconductor 74LVX161284A Datasheet HTML 5Page - Fairchild Semiconductor 74LVX161284A Datasheet HTML 6Page - Fairchild Semiconductor 74LVX161284A Datasheet HTML 7Page - Fairchild Semiconductor 74LVX161284A Datasheet HTML 8Page - Fairchild Semiconductor 74LVX161284A Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
Note 5: Output impedance is measured with the output active LOW and active HIGH (HD
HIGH).
Note 6: Power-down leakage to VCC or VCC—Cable is tested by simultaneously forcing all pins on the cable-side (B1–B8, Y9–Y13, PLH, C14–C17 and HLHIN)
to 5.5V and measuring the resulting ICC or ICC—Cable.
Note 7: This parameter is guaranteed but not tested, characterized only.
Symbol
Parameter
VCC
VCC—Cable TA 40qC to 85qC
Units
Conditions
(V)
(V)
Guaranteed Limits
VOL
Maximum LOW
An, HLH
3.0
3.0
0.2
V
IOL 50 PA
Level Output
3.0
3.0
0.4
IOL 4 mA
Voltage
Bn, Yn
3.0
3.0
0.8
IOL 14 mA
Bn, Yn
3.0
4.5
0.77
IOL 14 mA
PLH
3.0
3.0
0.95
IOL 84 mA
PLH
3.0
4.5
0.9
IOL 84 mA
RD
Maximum Output
B1–B8, Y9–Y13
3.3
3.3
60
:
(Note 5)(Note 7)
Impedance
3.3
5.0
55
Minimum Output
B1–B8, Y9–Y13
3.3
3.3
30
(Note 5)(Note 7)
Impedance
3.3
5.0
35
RP
Maximum Pull-Up
B1–B8, Y9–Y13,
3.3
3.3
1650
:
Resistance
C14–C17
3.3
5.0
1650
Minimum Pull-Up
B1–B8, Y9–Y13
3.3
3.3
1150
Resistance
C14–C17
3.3
5.0
1150
IIH
Maximum Input
A9–A13, PLHIN,
3.6
3.6
1.0
PA
VI 3.6V
Current in
HD, DIR, HLHIN
HIGH State
C14–C17
3.6
3.6
50.0
VI 3.6V
C14–C17
3.6
5.5
100
VI 5.5V
IIL
Maximum Input
A9–A13, PLHIN,
3.6
3.6
1.0
PAVI 0.0V
Current in
HD, DIR, HLHIN
LOW State
C14–C17
3.6
3.6
3.5
mA
VI 0.0V
C14–C17
3.6
5.5
5.0
mA
VI 0.0V
IOZH
Maximum Output
A1–A8
3.6
3.6
20
PAVO 3.6V
Disable Current
B1–B8
3.6
3.6
50
PAVO 3.6V
(HIGH)
B1–B8
3.6
5.5
100
PAVO 5.5V
IOZL
Maximum
A1–A8
3.6
3.6
20
PAVO 0.0V
Output Disable
B1–B8
3.6
3.6
3.5
mA
Current (LOW)
B1–B8
3.6
5.5
5.0
mA
IOFF
Power Down
B1–B8, Y9–Y13,
0.0
0.0
100
PAVO 5.5V
Output Leakage
PLH
IOFF
Power Down
C14–C17, HLHIN
0.0
0.0
100
PAVI 5.5V
Input Leakage
IOFF—ICC
PowerDown
0.0
0.0
250
PA
(Note 6)
Leakage to VCC
IOFF—ICC2
Power Down Leakage
0.0
0.0
250
PA
(Note 6)
to VCC—Cable
ICC
Maximum Supply
3.6
3.6
45
mA
VI VCC or GND
Current
3.6
5.5
70
VI VCC or GND


Numéro de pièce similaire - 74LVX161284A

FabricantNo de pièceFiches techniqueDescription
Fairchild Semiconductor
Fairchild Semiconductor
74LVX161284 FAIRCHILD-74LVX161284 Datasheet
114Kb / 11P
   Low Voltage IEEE 161284 Translating Transceiver
ON Semiconductor
ON Semiconductor
74LVX161284 ONSEMI-74LVX161284 Datasheet
222Kb / 13P
   Low Voltage IEEE 161284 Translating Transceiver
Revised June 2005
Fairchild Semiconductor
Fairchild Semiconductor
74LVX161284MEA FAIRCHILD-74LVX161284MEA Datasheet
114Kb / 11P
   Low Voltage IEEE 161284 Translating Transceiver
ON Semiconductor
ON Semiconductor
74LVX161284MEA ONSEMI-74LVX161284MEA Datasheet
222Kb / 13P
   Low Voltage IEEE 161284 Translating Transceiver
Revised June 2005
Fairchild Semiconductor
Fairchild Semiconductor
74LVX161284MEAX FAIRCHILD-74LVX161284MEAX Datasheet
114Kb / 11P
   Low Voltage IEEE 161284 Translating Transceiver
More results

Description similaire - 74LVX161284A

FabricantNo de pièceFiches techniqueDescription
ON Semiconductor
ON Semiconductor
74LVX161284 ONSEMI-74LVX161284 Datasheet
222Kb / 13P
   Low Voltage IEEE 161284 Translating Transceiver
Revised June 2005
Fairchild Semiconductor
Fairchild Semiconductor
74LVX161284 FAIRCHILD-74LVX161284 Datasheet
114Kb / 11P
   Low Voltage IEEE 161284 Translating Transceiver
74LVXZ161284 FAIRCHILD-74LVXZ161284 Datasheet
340Kb / 11P
   Low Voltage IEEE 161284 Translating Transceiver with Power-Up Protection
ON Semiconductor
ON Semiconductor
74VCX163245 ONSEMI-74VCX163245 Datasheet
316Kb / 14P
   Low Voltage 16-Bit Dual Supply Translating Transceiver
May 2007 Rev. 1.7
74VCX164245 ONSEMI-74VCX164245 Datasheet
209Kb / 11P
   Low Voltage 16-Bit Dual Supply Translating Transceiver
Revised June 2005
Fairchild Semiconductor
Fairchild Semiconductor
74VHC161284 FAIRCHILD-74VHC161284 Datasheet
205Kb / 11P
   IEEE 1284 Transceiver
74ACT1284 FAIRCHILD-74ACT1284 Datasheet
226Kb / 7P
   IEEE 1284 Transceiver
NXP Semiconductors
NXP Semiconductors
74AUP1T45 NXP-74AUP1T45 Datasheet
177Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 02-3 August 2009
74AUP1T45 PHILIPS-74AUP1T45 Datasheet
166Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 01-18 October 2006
Fairchild Semiconductor
Fairchild Semiconductor
74ACT1284 FAIRCHILD-74ACT1284_00 Datasheet
265Kb / 7P
   IEEE 1284 Transceiver
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Fiches technique Télécharger

Go To PDF Page


Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz