Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

74LVX161284A Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce 74LVX161284A
Description  Low Voltage IEEE 161284 Translating Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX161284A Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  74LVX161284A Datasheet HTML 1Page - Fairchild Semiconductor 74LVX161284A Datasheet HTML 2Page - Fairchild Semiconductor 74LVX161284A Datasheet HTML 3Page - Fairchild Semiconductor 74LVX161284A Datasheet HTML 4Page - Fairchild Semiconductor 74LVX161284A Datasheet HTML 5Page - Fairchild Semiconductor 74LVX161284A Datasheet HTML 6Page - Fairchild Semiconductor 74LVX161284A Datasheet HTML 7Page - Fairchild Semiconductor 74LVX161284A Datasheet HTML 8Page - Fairchild Semiconductor 74LVX161284A Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 3)
Recommended Operating
Conditions
Note 3: Absolute Maximum continuous ratings are those values beyond
which damage to the device may occur. Exposure to these conditions or
conditions beyond those indicated may adversely affect device reliability.
Functional operation under absolute maximum rated conditions is not
implied.
Note 4: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Supply Voltage
VCC
0.5V to 4.6V
VCC—Cable
0.5V to 7.0V
VCC—Cable Must Be t VCC
Input Voltage (VI)—(Note 4)
A1–A13, PLHIN, DIR, HD
0.5V to VCC  0.5V
B1–B8, C14–C17, HLHIN
0.5V to 5.5V (DC)
B1–B8, C14–C17, HLHIN
2.0V to 7.0V*
*40 ns Transient
Output Voltage (VO)
A1–A8, A14–A17, HLH
0.5V to VCC 0.5V
B1–B8, Y9–Y13, PLH
0.5V to 5.5V (DC)
B1–B8, Y9–Y13, PLH
2.0V to 7.0V*
*40 ns Transient
DC Output Current (IO)
A1–A8, HLH
r25 mA
B1–B8, Y9–Y13
r50 mA
PLH (Output LOW)
84 mA
PLH (Output HIGH)
50 mA
Input Diode Current (IIK)—(Note 4)
DIR, HD, A9–A13, PLH, HLH, C14–C17
20 mA
Output Diode Current (IOK)
A1–A8, A14–A17, HLH
r50 mA
B1–B8, Y9–Y13, PLH
50 mA
DC Continuous VCC or Ground Current
r200 mA
Storage Temperature
65qC to 150qC
ESD (HBM) Last Passing Voltage
2000V
Supply Voltage
VCC
3.0V to 3.6V
VCC—Cable
3.0V to 5.5V
DC Input Voltage (VI)0V to VCC
Open Drain Voltage (VO)
0V to 5.5V
Operating Temperature (TA)
40qC to 85qC
Symbol
Parameter
VCC
VCC—Cable TA 40qC to 85qC
Units
Conditions
(V)
(V)
Guaranteed Limits
VIK
Input Clamp
3.0
3.0
1.2
V
Ii 18 mA
Diode Voltage
VIH
Minimum
An, Bn, PLHIN, DIR, HD
3.0–3.6
3.0–5.5
2.0
V
HIGH Level
Cn
3.0–3.6
3.0–5.5
2.3
Input Voltage
HLHIN
3.0–3.6
3.0–5.5
2.6
VIL
Maximum
An, Bn, PLHIN, DIR, HD
3.0–3.6
3.0–5.5
0.8
V
LOW Level
Cn
3.0–3.6
3.0–5.5
0.8
Input Voltage
HLHIN
3.0–3.6
3.0–5.5
1.6
'VT
Minimum Input
An, Bn, PLHIN, DIR, HD
3.3
5.0
0.4
V
VT–VT
Hysteresis
Cn
3.3
5.0
0.8
VT–VT
HLHIN
3.3
5.0
0.2
VT–VT
VOH
Minimum HIGH
An, HLH
3.0
3.0
2.8
V
IOH 50 PA
Level Output
3.0
3.0
2.4
IOH 4 mA
Voltage
Bn, Yn
3.0
3.0
2.0
IOH 14 mA
Bn, Yn
3.0
4.5
2.23
IOH 14 mA
PLH
3.15
3.15
3.1
IOH 500 PA


Html Pages

1  2  3  4  5  6  7  8  9 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn