Moteur de recherche de fiches techniques de composants électroniques |
|
SMAJ18 Fiches technique(PDF) 2 Page - Taiwan Semiconductor Company, Ltd |
|
SMAJ18 Fiches technique(HTML) 2 Page - Taiwan Semiconductor Company, Ltd |
2 / 7 page Version:I13 RATINGS AND CHARACTERISTIC CURVES (SMAJ SERIES) 0 25 50 75 100 125 0 25 50 75 100 125 150 175 200 T A, AMBIENT TEMPERATURE ( oC) FIG.2 PULSE DERATING CURVE 0 10 20 30 40 50 1 10 100 NUMBER OF CYCLES AT 60 Hz FIG. 4 MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT UNIDIRECTIONAL ONLY 8.3mS Single Half Sine Wave JEDEC Method 0 20 40 60 80 100 120 140 0 0.5 1 1.522.533.5 4 t, TIME ms FIG. 3 CLAMPING POWER PULSE WAVEFORM td Peak Value IPPM tr=10usec Half Value-IPPM/2 10/1000usec, WAVEFORM as DEFINED by R.E.A. PULSE WIDTH(td) is DEFINED as the POINT WHERE the PEAK CURRENT DECAYS to 50% OF IPPM 10 100 1000 10000 1 10 100 V( BR), BREAKDOWN VOLTAGE (V) FIG. 5 TYPICAL JUNCTION CAPACITANCE TA=25℃ f=1.0MHz Vsig=50mVp-p MEASURED AT ZERO BIAS MEASURED at STAND-OFF VOLTAGE,Vwm 0.1 1 10 100 0.1 1 10 100 1000 10000 tp, PULSE WIDTH, (uS) FIG. 1 PEAK PULSE POWER RATING CURVE NON-REPETITIVE PULSE WAVEFORM SHOWN in FIG.3 TA = 25℃ |
Numéro de pièce similaire - SMAJ18 |
|
Description similaire - SMAJ18 |