Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

74LVTH162373 Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce 74LVTH162373
Description  Low Voltage 16-Bit Transparent Latch with 3-STATE Outputs and 25ohm Series Resistors in the Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH162373 Fiches technique(HTML) 6 Page - Fairchild Semiconductor

  74LVTH162373 Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH162373 Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH162373 Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH162373 Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH162373 Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH162373 Datasheet HTML 6Page - Fairchild Semiconductor 74LVTH162373 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.fairchildsemi.com
6
Physical Dimensions inches (millimeters) unless otherwise noted
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide
Package Number MS48A


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
74LCXH162244 Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26Ω Series Resistors in Outputs 1  2  3  4  5  More Fairchild Semiconductor
74VCX162245 Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in A Port Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LCX162244 Low Voltage 16-Bit Buffer/Line Driver with 26ohm Series Resistors in Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LCX373 Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs 1  2  3  4  5  More Fairchild Semiconductor
74VCX16374 Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LCX16646 Low Voltage 16-Bit Transceiver/Register with 5V Tolerant Inputs and Outputs 1  2  3  4  5  More Fairchild Semiconductor
FXL2TD245 Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent 1  2  3  4  5  More Fairchild Semiconductor
74LCXZ16244 Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs 1  2  3  4  5  More Fairchild Semiconductor
F74ALVC16245 Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs 1  2  3  4  5  More Fairchild Semiconductor
74ALVC16240 Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs 1  2  3  4  5  More Fairchild Semiconductor