Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVTH322245 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce 74LVTH322245
Description  Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25??Series Resistors in A Port Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH322245 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  74LVTH322245 Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH322245 Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH322245 Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH322245 Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH322245 Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH322245 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Connection Diagram
(Top Thru View)
FBGA Pin Descriptions
Pin Assignments for FBGA
Truth Tables
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Z
= High Impedance
Pin Names
Description
OEn
Output Enable Input (Active LOW)
T/Rn
Transmit/Receive Input
A0–A31
Side A Inputs/3-STATE Outputs
B0–B31
Side B Inputs/3-STATE Outputs
123
456
A
B1
B0
T/R1
OE1
A0
A1
B
B3
B2
GND
GND
A2
A3
C
B5
B4
VCC1
VCC1
A4
A5
D
B7
B6
GND
GND
A6
A7
E
B9
B8
GND
GND
A8
A9
F
B11
B10
VCC1
VCC1
A10
A11
G
B13
B12
GND
GND
A12
A13
H
B14
B15
T/R2
OE2
A15
A14
J
B17
B16
T/R3
OE3
A16
A17
K
B19
B18
GND
GND
A18
A19
L
B21
B20
VCC2
VCC2
A20
A21
M
B23
B22
GND
GND
A22
A23
N
B25
B24
GND
GND
A24
A25
P
B27
B26
VCC2
VCC2
A26
A27
R
B29
B28
GND
GND
A28
A29
T
B30
B31
T/R4
OE4
A31
A30
Inputs
Outputs
Inputs
Outputs
OE1
T/R1
OE3
T/R3
L
L
Bus B0–B7 Data to Bus A0–A7
L
L
Bus B16–B23 Data to Bus A16–A23
L
H
Bus A0–A7 Data to Bus B0–B7
L
H
Bus A16–A23 Data to Bus B16–B23
H
X
HIGH-Z State on A0–A7, B0–B7
H
X
HIGH-Z State on A16–A23, B16–B23
Inputs
Outputs
Inputs
Outputs
OE2
T/R2
OE4
T/R4
L
L
Bus B8–B15 Data to Bus A8–A15
L
L
Bus B24–B31 Data to Bus A24–A31
L
H
Bus A8–A15 Data to Bus B8–B15
L
H
Bus A24–A31 Data to Bus B24–B31
H
X
HIGH-Z State on A8–A15, B8–B15
H
X
HIGH-Z State on A24–A31, B24–B31


Numéro de pièce similaire - 74LVTH322245

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVTH322245 NXP-74LVTH322245 Datasheet
90Kb / 12P
   3.3 V 32-bit bus transceiver with 30 W termination resistors; 3-state
Rev. 01-24 January 2007
74LVTH322245EC NXP-74LVTH322245EC Datasheet
90Kb / 12P
   3.3 V 32-bit bus transceiver with 30 W termination resistors; 3-state
Rev. 01-24 January 2007
74LVTH322245 PHILIPS-74LVTH322245_15 Datasheet
98Kb / 12P
   3.3 V 32-bit bus transceiver with 30 W termination resistors; 3-state
Rev. 01-24 January 2007
More results

Description similaire - 74LVTH322245

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LVT162245 FAIRCHILD-74LVT162245 Datasheet
78Kb / 9P
   Low Voltage 16-Bit Transceiver with 3-STATE Outputs and 25ohm Series Resistors in A Port Outputs
74LVT322373 FAIRCHILD-74LVT322373 Datasheet
161Kb / 6P
   Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25??Series Resistors in the Outputs
74LVT32245 FAIRCHILD-74LVT32245 Datasheet
66Kb / 6P
   Low Voltage 32-Bit Transceiver with 3-STATE Outputs
74LVTH322374 FAIRCHILD-74LVTH322374 Datasheet
77Kb / 6P
   Low Voltage 32-Bit D-Type Flip-Flop with 3-STATE Outputs and 25??Series Resistors in the Outputs (Preliminary)
74LVT2245 FAIRCHILD-74LVT2245 Datasheet
106Kb / 9P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25廓 Series Resistors in the B Port Outputs
74LVT2245 FAIRCHILD-74LVT2245_08 Datasheet
304Kb / 9P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25 B Port Outputs
74LVTH162374 FAIRCHILD-74LVTH162374 Datasheet
98Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs and 25??Series Resistors in the Outputs
74LVTH32952 FAIRCHILD-74LVTH32952 Datasheet
66Kb / 6P
   Low Voltage 32-Bit Registered Transceiver with 3-STATE Outputs (Preliminary)
74ALVC162245 FAIRCHILD-74ALVC162245 Datasheet
86Kb / 6P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in A Port Outputs
74VCX162245 FAIRCHILD-74VCX162245 Datasheet
146Kb / 9P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in A Port Outputs
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com