Moteur de recherche de fiches techniques de composants électroniques |
|
FW82801DB Fiches technique(PDF) 1 Page - Intel Corporation |
|
FW82801DB Fiches technique(HTML) 1 Page - Intel Corporation |
1 / 2 page Intel ® 845E Chipset for Applied Computing Evolutionary Architecture Intel 845E chipset-based platforms extend the Intel Pentium 4 processor and Intel Pentium 4 Processor – M capabilities with an excellent balance of price and performance for applied computing segments. The Intel 845E chipset consists of two controller hubs: The 82845E Memory Controller Hub (MCH) supports a 400MHz or 533MHz system bus, DDR200/266 memory and the latest graphics devices through the 1.5V AGP4X interface. The 82801DB I/O Controller Hub (ICH4) makes a direct connection to the graphics and memory for faster access to peripherals. It provides the features and bandwidth required for applied computing-usage models. The Intel ® Platform Advantage Intel’s platform architecture delivers the performance and high scalabity required for today’s cutting edge e-Business and e_home applications. Intel’s comprehensive efforts to enable the industry ensure fast deployment of next-generation platforms, maximizing competitive advantage. Our world-class platform validation creates a robust foundation for emerging applications, while minimizing deployment risks. Product Highlights s The Intel® 845E chipset is designed, validated, and optimized for the Intel ® Pentium® 4 processor and Intel ® Pentium® 4 Processor – M with Intel ® NetBurst™ microarchitecture s 400MHz or 533MHz system bus delivers a high-bandwidth connection between the Intel Pentium 4 processor and the platform, providing 3x the bandwidth over platforms based on Intel ® Pentium® III processors s Advanced packaging technology and industry- leading electrical design innovations deliver long-term system reliability over wide operating conditions s The AGP4X interface provides advanced graphics support, enabling over 1GB/s of graphics bandwidth s Three USB controllers provide high- performance peripherals with 480Mbps of bandwidth, while enabling support for up to six USB 2.0 ports. This results in a significant increase over previous integrated 1-4 port hubs at 12Mbps s The latest AC ’97 implementation delivers 20- bit audio for enhanced sound quality and full surround sound capability. Integrated audio solutions continue to enjoy success as a very cost-effective, yet high-performance solution s LAN Connect Interface (LCI) provides flexible network solutions such as 10/100Mbps Ethernet and 10/100Mbps Ethernet with LAN manageability s The Intel® SingleDriver™ Technology supports all three network options, which simplifies network connectivity and eases deployment s Dual Ultra ATA 100 controllers, coupled with the Intel ® Application Accelerator – a performance software package – support faster IDE transfers to storage devices s The Intel Application Accelerator software provides additional performance over native ATA drivers. The Intel Application Accelerator improves system performance by improving I/O transfer rates and enables faster O/S load time resulting in accelerated boot times product brief Intel 845E Chipset Overview s Communication and Network Riser (CNR) offers flexibility in system configuration with a baseline feature set that can be upgraded with an audio card, modem card, or network card s Embedded lifecycle support Brookdale_New.qxd 6/18/02 12:04 PM Page 1 |
Numéro de pièce similaire - FW82801DB |
|
Description similaire - FW82801DB |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |