Moteur de recherche de fiches techniques de composants électroniques |
|
0-1393302-6 Fiches technique(PDF) 3 Page - Tyco Electronics |
|
0-1393302-6 Fiches technique(HTML) 3 Page - Tyco Electronics |
3 / 6 page Plug-In Relays Mini ISO Relays Power Relay F4 / VF4 Please observe the disclaimer. 34 Catalog 1308028 Revision 03-06 Revision 03-05 Load limit curve Pin assignment Load limit curve 1 ^ = arc extinguishes during transit time (changeover contact) Load limit curve 2 ^ = safe shutdown, no stationary arc (make contact) 1 make contact/ 1 form A Power relay F4 only 1 double make contact/ 1 form U Power relay F4 only 1 make contact (2 x pin 87)/ 1 form A (2 x pin 87) 1 changeover contact/ 1 form C Models with resistor or diode in parallel to the coil on request. Models with resistor or diode in parallel to the coil on request. Models with resistor or diode in parallel to the coil on request. *) Models with resistor or diode in parallel to the coil on request. Contact data Contact configuration Circuit symbol (see also Pin assignment) Rated voltage Rated current at 85 °C Contact material Max. switching voltage/ power Max. switching current1) On2) Off Min. recommended load4) Voltage drop at 10 A (initial) NO contact NC contact Mechanical endurance (without load) Electrical endurance (example of resistive load without component in parralel to the coil) Max switching rate at nominal load 6 operations per minute (0.1 Hz) 1) The values apply to a resistive or inductive load with suitable spark suppression and at maximum 14 V for 12 V or 28 V for 24 V load voltages. 2) For a load current duration of maximum 3 s for a make/break ratio of 1:10. 3) Special high performance 24 V version with contact gap > 0.8 mm, part number V23134-A0056-X432/-X433 (see ordering information). 4) See chapter Diagnostics in our Application Recommendations on page 18 of this catalog or consult the internet at http://relays.tycoelectronics.com/application.asp Make contact/ Double make contact/ Changeover contact/ Form A or Form A (2x87) Form U Form C or 12 V 24 V 12 V 24 V 12 V 24 V 24 V3) 40 A 20 A 2 x 25 A 2 x 15 A 30/40 A 15/20 A 20/30 A AgNi0.15 AgNi0.15 AgNi0.15 AgSnO2 See load limit curve NC/NO NC/NO NC/NO 120 A 120 A 2 x 100 A 2 x 100 A 45/120A 45/120A 45/120A 60 A 20 A 2 x 40 A 2 x 15 A 40/60A 15/20A 20/30A 1 A at 5 V Typ. 15 mV, 200 mV max. Typ. 2 x 15 mV, 200 mV max. Typ. 15 mV, 200 mV max. Typ. 20 mV, 250 mV max. > 107 operations > 2 x 105 > 1 x 105 > 2 x 105 > 1 x 105 > 2 x 105 > 1 x 105 > 1 x 105 operations operations operations operations operations operations operations 40 A, 14 V 20 A, 28 V 2 x 25 A, 14 V 2 x 15 A, 28 V 40 A, 14 V 20 A, 28 V 30 A, 28 V (NO contact) (NO contact) (NO contact) > 5 x 105 operations 10 A, 28 V (NC contact) |
Numéro de pièce similaire - 0-1393302-6 |
|
Description similaire - 0-1393302-6 |