Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

74LVT162245 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce 74LVT162245
Description  Low Voltage 16-Bit Transceiver with 3-STATE Outputs and 25ohm Series Resistors in A Port Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVT162245 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  74LVT162245 Datasheet HTML 1Page - Fairchild Semiconductor 74LVT162245 Datasheet HTML 2Page - Fairchild Semiconductor 74LVT162245 Datasheet HTML 3Page - Fairchild Semiconductor 74LVT162245 Datasheet HTML 4Page - Fairchild Semiconductor 74LVT162245 Datasheet HTML 5Page - Fairchild Semiconductor 74LVT162245 Datasheet HTML 6Page - Fairchild Semiconductor 74LVT162245 Datasheet HTML 7Page - Fairchild Semiconductor 74LVT162245 Datasheet HTML 8Page - Fairchild Semiconductor 74LVT162245 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.fairchildsemi.com
2
Logic Symbol
Connection Diagrams
Pin Assignments for SSOP and TSSOP
Pin Assignment for FBGA
(Top Thru View)
Pin Descriptions
FBGA Pin Assignments
Truth Tables
H
HIGH Voltage Level
L
LOW Voltage Level
X
Immaterial
Z
High Impedance
Pin Names
Description
OEn
Output Enable Input (Active LOW)
T/Rn
Transmit/Receive Input
A0–A15
Side A Inputs/3-STATE Outputs
B0–B15
Side B Inputs/3-STATE Outputs
NC
No Connect
1
234
56
A
B0
NC
T/R1
OE1
NC
A0
B
B2
B1
NC
NC
A1
A2
C
B4
B3
VCC
VCC
A3
A4
D
B6
B5
GND
GND
A5
A6
E
B8
B7
GND
GND
A7
A8
F
B10
B9
GND
GND
A9
A10
G
B12
B11
VCC
VCC
A11
A12
H
B14
B13
NC
NC
A13
A14
J
B15
NC
T/R2
OE2
NC
A15
Inputs
Outputs
OE1
T/R1
LL
Bus B0–B7 Data to Bus A0–A7
LH
Bus A0–A7 Data to Bus B0–B7
H
X
HIGH-Z State on A0–A7, B0–B7
Inputs
Outputs
OE2
T/R2
LL
Bus B8–B15 Data to Bus A8–A15
LH
Bus A8–A15 Data to Bus B8–B15
H
X
HIGH-Z State on A8–A15, B8–B15


Html Pages

1  2  3  4  5  6  7  8  9 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
74LVT162244 Low Voltage 16-Bit Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LVT322245 Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25Ω Series Resistors in A Port Outputs 1  2  3  4  5  More Fairchild Semiconductor
74ALVC162245 Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in A Port Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LVTH162240 Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs 1  2  3  4  5  More Fairchild Semiconductor
74VCX162245 Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in A Port Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LVT2245 Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25Ω Series Resistors in the B Port Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LVTH162373 Low Voltage 16-Bit Transparent Latch with 3-STATE Outputs and 25ohm Series Resistors in the Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LVTH162374 Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs and 25Ω Series Resistors in the Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LCXR162245 Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs/Outputs and 26W Series Resistors in the Outputs 1  2  3  4  5  More Fairchild Semiconductor
74ALVCH162374 Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26Ω Series Resistors in Outputs 1  2  3  4  5  More Fairchild Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn