Moteur de recherche de fiches techniques de composants électroniques |
|
4-1393788-8 Fiches technique(PDF) 3 Page - Tyco Electronics |
|
4-1393788-8 Fiches technique(HTML) 3 Page - Tyco Electronics |
3 / 7 page 09-2012, Rev. 0912 www.te.com © 2012 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 3 AXICOM Signal Relays P2 Relay V23079 (Continued) PCB layout TOP view on component side of PCB THT version SMT, long terminals SMT, short terminals 0,9 ±0,1 Contacts are shown in reset condition. Both coils can be used as either set or reset coils. Contact position might change during transportation and must be reset before use. Monostable version Terminal assignment TOP view on component side of PCB Bistable version, 1-coil Bistable version, 2-coils Dimensions 0.5±0.05 14.5±0.1 7.2±0.1 0.5±0.05 5.52±0.15 9.4±0.15 14.5±0.1 7.2±0.1 0.5±0.05 5.52 7.4±0.15 14.5±0.1 7.2±0.1 0.5±0.05 14.6±0.1 7.2±0.1 0.5±0.05 5.52 9.4±0.15 14.6±0.1 7.2±0.1 0.5±0.05 5.52 7.4±0.15 14.6±0.1 7.2±0.1 THT version SMT, long terminals SMT, short terminals Standard coil 0.5±0.05 14.5±0.1 7.2±0.1 0.5±0.05 5.52±0.15 9.4±0.15 14.5±0.1 7.2±0.1 0.5±0.05 5.52 7.4±0.15 14.5±0.1 7.2±0.1 0.5±0.05 14.6±0.1 7.2±0.1 0.5±0.05 5.52 9.4±0.15 14.6±0.1 7.2±0.1 0.5±0.05 5.52 7.4±0.15 14.6±0.1 7.2±0.1 0.5±0.05 14.5±0.1 7.2±0.1 0.5±0.05 5.52±0.15 9.4±0.15 14.5±0.1 7.2±0.1 0.5±0.05 5.52 7.4±0.15 14.5±0.1 7.2±0.1 0.5±0.05 14.6±0.1 7.2±0.1 0.5±0.05 5.52 9.4±0.15 14.6±0.1 7.2±0.1 0.5±0.05 5.52 7.4±0.15 14.6±0.1 7.2±0.1 0.5±0.05 14.5±0.1 7.2±0.1 0.5±0.05 5.52±0.15 9.4±0.15 14.5±0.1 7.2±0.1 0.5±0.05 5.52 7.4±0.15 14.5±0.1 7.2±0.1 0.5±0.05 14.6±0.1 7.2±0.1 0.5±0.05 5.52 9.4±0.15 14.6±0.1 7.2±0.1 0.5±0.05 5.52 7.4±0.15 14.6±0.1 7.2±0.1 THT version SMT, long terminals SMT, short terminals Overmolded coil, high dielectric version 0.5±0.05 14.5±0.1 7.2±0.1 0.5±0.05 5.52±0.15 9.4±0.15 14.5±0.1 7.2±0.1 0.5±0.05 5.52 7.4±0.15 14.5±0.1 7.2±0.1 0.5±0.05 14.6±0.1 7.2±0.1 0.5±0.05 5.52 9.4±0.15 14.6±0.1 7.2±0.1 0.5±0.05 5.52 7.4±0.15 14.6±0.1 7.2±0.1 0.5±0.05 14.5±0.1 7.2±0.1 0.5±0.05 5.52±0.15 9.4±0.15 14.5±0.1 7.2±0.1 0.5±0.05 5.52 7.4±0.15 14.5±0.1 7.2±0.1 0.5±0.05 14.6±0.1 7.2±0.1 0.5±0.05 5.52 9.4±0.15 14.6±0.1 7.2±0.1 0.5±0.05 5.52 7.4±0.15 14.6±0.1 7.2±0.1 |
Numéro de pièce similaire - 4-1393788-8 |
|
Description similaire - 4-1393788-8 |