Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVQ244SC Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce 74LVQ244SC
Description  Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVQ244SC Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  74LVQ244SC Datasheet HTML 1Page - Fairchild Semiconductor 74LVQ244SC Datasheet HTML 2Page - Fairchild Semiconductor 74LVQ244SC Datasheet HTML 3Page - Fairchild Semiconductor 74LVQ244SC Datasheet HTML 4Page - Fairchild Semiconductor 74LVQ244SC Datasheet HTML 5Page - Fairchild Semiconductor 74LVQ244SC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AC Electrical Characteristics
Symbol
Parameter
VCC
(V)
TA = +25˚C
CL = 50 pF
TA = −40˚C to +85˚C
CL = 50 pF
Units
Min
Typ
Max
Min
Max
tPHL
Propagation Delay
2.7
2.0
8.4
12.7
2.0
14.0
ns
tPLH
Data to Output
3.3 ±0.3
2.0
7.0
9.0
2.0
9.5
tPZL
Output Enable Time
2.7
2.5
9.6
16.9
2.5
18.0
ns
tPZH
3.3 ±0.3
2.5
8.0
12.0
2.5
12.5
tPHZ
Output Disable Time
2.7
1.0
10.8
19.0
1.0
20.0
ns
tPLZ
3.3 ±0.3
1.0
9.0
13.5
1.0
14.0
tOSHL
Output to Output
2.7
1.0
1.5
1.5
ns
tOSLH
Skew Data to Output (Note 9)
3.3 ±0.3
1.0
1.5
1.5
Note 9: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The speci-
fication applies to any outputs switching in the same direction, either HIGH to LOW (tOSHL) or LOW to HIGH (tOSLH). Parameter guaranteed by design.
Capacitance
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = Open
CPD (Note 10)
Power Dissipation Capacitance
70
pF
VCC = 3.3V
Note 10: CPD is measured at 10 MHz.
www.fairchildsemi.com
4


Numéro de pièce similaire - 74LVQ244SC

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LVQ244SC FAIRCHILD-74LVQ244SC Datasheet
65Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
More results

Description similaire - 74LVQ244SC

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LVTH244 FAIRCHILD-74LVTH244 Datasheet
104Kb / 9P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ240 FAIRCHILD-74LVQ240_01 Datasheet
65Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX244 FAIRCHILD-74LVX244 Datasheet
72Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX541 FAIRCHILD-74LVX541 Datasheet
84Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ244 FAIRCHILD-74LVQ244_01 Datasheet
65Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT244 FAIRCHILD-74LVT244_08 Datasheet
322Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ241 FAIRCHILD-74LVQ241 Datasheet
62Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT240 FAIRCHILD-74LVT240 Datasheet
103Kb / 8P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX240 FAIRCHILD-74LVX240 Datasheet
87Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT240 FAIRCHILD-74LVT240_08 Datasheet
326Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ240 FAIRCHILD-74LVQ240 Datasheet
88Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com