Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7FLIT15BF1M6 Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce ST7FLIT15BF1M6
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLIT15BF1M6 Fiches technique(HTML) 1 Page - STMicroelectronics

  ST7FLIT15BF1M6 Datasheet HTML 1Page - STMicroelectronics ST7FLIT15BF1M6 Datasheet HTML 2Page - STMicroelectronics ST7FLIT15BF1M6 Datasheet HTML 3Page - STMicroelectronics ST7FLIT15BF1M6 Datasheet HTML 4Page - STMicroelectronics ST7FLIT15BF1M6 Datasheet HTML 5Page - STMicroelectronics ST7FLIT15BF1M6 Datasheet HTML 6Page - STMicroelectronics ST7FLIT15BF1M6 Datasheet HTML 7Page - STMicroelectronics ST7FLIT15BF1M6 Datasheet HTML 8Page - STMicroelectronics ST7FLIT15BF1M6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 159 page
background image
June 2008
1/159
Rev 6
ST7LITE1xB
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY,
DATA EEPROM, ADC, 5 TIMERS, SPI
Memories
– up to 4 Kbytes single voltage extended Flash
(XFlash) Program memory with read-out pro-
tection, In-Circuit Programming and In-Appli-
cation programming (ICP and IAP). 10K write/
erase cycles guaranteed, data retention: 20
years at 55°C.
– 256 bytes RAM
– 128 bytes data EEPROM with read-out pro-
tection. 300K write/erase cycles guaranteed,
data retention: 20 years at 55°C.
Clock, Reset and Supply Management
– Enhanced reset system
– Enhanced low voltage supervisor (LVD) for
main supply and an auxiliary voltage detector
(AVD) with interrupt capability for implement-
ing safe power-down procedures
– Clock sources: Internal 1% RC oscillator (on
ST7FLITE15B and ST7FLITE19B), crystal/
ceramic resonator or external clock
– Internal 32-MHz input clock for Auto-reload
timer
– Optional x4 or x8 PLL for 4 or 8 MHz internal
clock
– Five Power Saving Modes: Halt, Active-Halt,
Auto Wake-up from Halt, Wait and Slow
I/O Ports
– Up to 17 multifunctional bidirectional I/O lines
–7 high sink outputs
5 Timers
– Configurable watchdog timer
– Two 8-bit Lite Timers with prescaler,
1 realtime base and 1 input capture
– Two 12-bit Auto-reload Timers with 4 PWM
outputs, 1 input capture, 4 output compare
and one pulse functions
Communication Interface
– SPI synchronous serial interface
Interrupt Management
– 12 interrupt vectors plus TRAP and RESET
– 15 external interrupt lines (on 4 vectors)
Analog Comparator
A/D Converter
– 7 input channels
– Fixed gain Op-amp
– 13-bit precision for 0 to 430 mV (@ 5V VDD)
– 10-bit precision for 430 mV to 5V (@ 5V VDD)
Instruction Set
– 8-bit data manipulation
– 63 basic instructions with illegal opcode de-
tection
– 17 main addressing modes
– 8 x 8 unsigned multiply instructions
Development Tools
– Full hardware/software development package
– DM (Debug Module)
Device Summary
DIP20
DIP16
SO16
300”
QFN20
SO20
Features
ST7LITE10B
ST7LITE15B
ST7LITE19B
Program memory - bytes
2K/4K
RAM (stack) - bytes
256 (128)
Data EEPROM - bytes
-
-
128
Peripherals
Lite Timer with Wdg, Autoreload
Timer, SPI, 10-bit ADC with Op-Amp
Lite Timer with Wdg, Autoreload Timer with 32-MHz input clock, SPI,
10-bit ADC with Op-Amp, Analog Comparator
Operating Supply
2.7V to 5.5V
CPU Frequency
Up to 8Mhz(w/ ext OSC at 16MHz)
Up to 8Mhz (w/ ext OSC at 16MHz or int 1MHz RC 1%, PLLx8/4MHz)
Operating Temperature
-40°C to +85°C / -40°C to +125°C
Packages
SO20 300”, DIP20, SO16 300”, DIP16
SO20 300”, DIP20, SO16 300”, DIP16, QFN20
1


Numéro de pièce similaire - ST7FLIT15BF1M6

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST7FLIT15BF1MX STMICROELECTRONICS-ST7FLIT15BF1MX Datasheet
2Mb / 157P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
More results

Description similaire - ST7FLIT15BF1M6

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST7FLIT19BF1B6 STMICROELECTRONICS-ST7FLIT19BF1B6 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB Datasheet
2Mb / 157P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB_08 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE2 STMICROELECTRONICS-ST7LITE2 Datasheet
1Mb / 131P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.0
ST7LITE0 STMICROELECTRONICS-ST7LITE0 Datasheet
1Mb / 122P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.4
ST7DALI STMICROELECTRONICS-ST7DALI Datasheet
2Mb / 141P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI, DALI
ST7LITE1 STMICROELECTRONICS-ST7LITE1 Datasheet
1Mb / 131P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 4 TIMERS, SPI
December 2004 Rev. 2.0
ST7L05 STMICROELECTRONICS-ST7L05 Datasheet
1Mb / 104P
   8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
ST7L15 STMICROELECTRONICS-ST7L15 Datasheet
2Mb / 138P
   8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
ST7LITE3 STMICROELECTRONICS-ST7LITE3 Datasheet
3Mb / 167P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com