Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVQ125SJ Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce 74LVQ125SJ
Description  Low Voltage Quad Buffer with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVQ125SJ Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  74LVQ125SJ Datasheet HTML 1Page - Fairchild Semiconductor 74LVQ125SJ Datasheet HTML 2Page - Fairchild Semiconductor 74LVQ125SJ Datasheet HTML 3Page - Fairchild Semiconductor 74LVQ125SJ Datasheet HTML 4Page - Fairchild Semiconductor 74LVQ125SJ Datasheet HTML 5Page - Fairchild Semiconductor 74LVQ125SJ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
74LVQ125
Low Voltage Quad Buffer with 3-STATE Outputs
General Description
The LVQ125 contains four independent non-inverting buffers
with 3-STATE outputs.
Features
n
Ideal for low power/low noise 3.3V applications
n
Guaranteed simultaneous switching noise level and
dynamic threshold performance
n
Guaranteed pin-to-pin skew AC performance
n
Guaranteed incident wave switching into 75
Ordering Code:
Order Number
Package Number
Package Description
74LVQ125SC
M14A
14-Lead (0.150" Wide) Small Outline Integrated Circuit, SOIC JEDEC
74LVQ125SJ
M14D
14-Lead Small Outline Package, SOIC EIAJ
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbol
Pin Descriptions
Pin Names
Description
A
n,Bn
Inputs
O
n
Outputs
Connection Diagram
Truth Table
Inputs
Output
A
n
B
n
O
n
LL
L
LH
H
HX
Z
H = HIGH Voltage Level
L = LOW Voltage Level
Z = HIGH Impedance
X = Immaterial
IEEE/IEC
DS011349-1
Pin Assignment for
SOIC JEDEC and EIAJ
DS011349-2
May 1998
© 1998 Fairchild Semiconductor Corporation
DS011349
www.fairchildsemi.com


Numéro de pièce similaire - 74LVQ125SJ

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LVQ125SJ FAIRCHILD-74LVQ125SJ Datasheet
54Kb / 5P
   Low Voltage Quad Buffer with 3-STATE Outputs
More results

Description similaire - 74LVQ125SJ

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LVX125SJX FAIRCHILD-74LVX125SJX Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVTH125 FAIRCHILD-74LVTH125_08 Datasheet
294Kb / 9P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVQ125 FAIRCHILD-74LVQ125_01 Datasheet
54Kb / 5P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVX125 FAIRCHILD-74LVX125_08 Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVTH125 FAIRCHILD-74LVTH125 Datasheet
56Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVX125 FAIRCHILD-74LVX125 Datasheet
87Kb / 6P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVX125MTCX FAIRCHILD-74LVX125MTCX Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74VHC125 FAIRCHILD-74VHC125_07 Datasheet
198Kb / 9P
   Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
74VHC125 ONSEMI-74VHC125 Datasheet
225Kb / 9P
   Quad Buffer with 3-STATE Outputs
December 2007 Rev. 1.4.0
logo
Fairchild Semiconductor
74ABT125CSCX FAIRCHILD-74ABT125CSCX Datasheet
284Kb / 8P
   Quad Buffer with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com