Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LCXR2245SJ Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce 74LCXR2245SJ
Description  Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26??Series Resistors on Both A and B Ports
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCXR2245SJ Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  74LCXR2245SJ Datasheet HTML 1Page - Fairchild Semiconductor 74LCXR2245SJ Datasheet HTML 2Page - Fairchild Semiconductor 74LCXR2245SJ Datasheet HTML 3Page - Fairchild Semiconductor 74LCXR2245SJ Datasheet HTML 4Page - Fairchild Semiconductor 74LCXR2245SJ Datasheet HTML 5Page - Fairchild Semiconductor 74LCXR2245SJ Datasheet HTML 6Page - Fairchild Semiconductor 74LCXR2245SJ Datasheet HTML 7Page - Fairchild Semiconductor 74LCXR2245SJ Datasheet HTML 8Page - Fairchild Semiconductor 74LCXR2245SJ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
Note 6: Outputs disabled or 3-STATE only.
AC Electrical Characteristics
Note 7: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Dynamic Switching Characteristics
Capacitance
Symbol
Parameter
Conditions
VCC
TA = −40°C to +85°C
Units
(V)
Min
Max
IOFF
Power-Off Leakage Current
VI or VO = 5.5V
0
10
µA
ICC
Quiescent Supply Current
VI = VCC or GND
2.3
− 3.6
10
µA
3.6V
≤ V
I, VO ≤ 5.5V (Note 6)
2.3
− 3.6
±10
∆I
CC
Increase in ICC per Input
VIH = VCC −0.6V
2.3 - 3.6
500
µA
Symbol
Parameter
TA = −40°C to +85°C, RL = 500Ω
Units
VCC = 3.3V ± 0.3V
VCC = 2.7V
VCC = 2.5V ± 0.2V
CL = 50 pF
CL = 50 pF
CL = 30 pF
Min
Max
Min
Max
Min
Max
tPHL
Propagation Delay
1.5
8.0
1.5
9.0
1.5
9.6
ns
tPLH
An to Bn or Bn to An
1.5
8.0
1.5
9.0
1.5
9.6
tPZL
Output Enable Time
1.5
9.5
1.5
10.5
1.5
11.0
ns
tPZH
1.5
9.5
1.5
10.5
1.5
11.0
tPLZ
Output Disable Time
1.5
7.5
1.5
8.5
1.5
9.0
ns
tPHZ
1.5
7.5
1.5
8.5
1.5
9.0
tOSHL
Output to Output Skew
1.0
ns
tOSLH
(Note 7)
1.0
Symbol
Parameter
Conditions
VCC
(V)
TA = 25°C
Units
Typical
VOLP
Quiet Output Dynamic Peak VOL
CL = 50 pF, VIH = 3.3V, VIL = 0V
3.3
0.5
V
CL = 30 pF, VIH = 2.5V, VIL = 0V
2.5
0.4
VOLV
Quiet Output Dynamic Valley VOL
CL = 50 pF, VIH = 3.3V, V IL = 0V
3.3
0.5
V
CL = 30 pF, VIH = 2.5V, VIL = 0V
2.5
0.4
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC = Open, VI = 0V or VCC
7pF
CI/O
Input/Output Capacitance
VCC = 3.3V, VI = 0V or VCC
8pF
CPD
Power Dissipation Capacitance
VCC = 3.3V, VI = 0V or VCC, f = 10 MHz
25
pF


Numéro de pièce similaire - 74LCXR2245SJ

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LCXR2245SJ FAIRCHILD-74LCXR2245SJ Datasheet
121Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26ohm Series Resistors on Both A and B Ports
logo
ON Semiconductor
74LCXR2245SJ ONSEMI-74LCXR2245SJ Datasheet
435Kb / 14P
   Low Voltage Bidirectional Transceiver
March 2008 Rev. 1.2.0
More results

Description similaire - 74LCXR2245SJ

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LCXR2245 FAIRCHILD-74LCXR2245_05 Datasheet
121Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26ohm Series Resistors on Both A and B Ports
74LCXZ2245 FAIRCHILD-74LCXZ2245 Datasheet
107Kb / 11P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26??Series Resistors in B Outputs
74ALVC2245 FAIRCHILD-74ALVC2245 Datasheet
85Kb / 7P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in B Outputs
74LCXZ2245 FAIRCHILD-74LCXZ2245_05 Datasheet
122Kb / 11P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26ohm Series Resistors in B Outputs
74VCX2245 FAIRCHILD-74VCX2245 Datasheet
82Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in B Outputs
logo
National Semiconductor ...
74LCX2245 NSC-74LCX2245 Datasheet
76Kb / 2P
   Low-Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCXZ245 FAIRCHILD-74LCXZ245_05 Datasheet
119Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX245 FAIRCHILD-74LCX245 Datasheet
102Kb / 12P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCXZ245 FAIRCHILD-74LCXZ245 Datasheet
105Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX245 FAIRCHILD-74LCX245_08 Datasheet
876Kb / 14P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com