Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ILCX03-BF2318-20.000 Fiches technique(PDF) 1 Page - ILSI America LLC

No de pièce ILCX03-BF2318-20.000
Description  2 Pad Ceramic Package Quartz Crystal, 3.2 mm x 5 mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ILSI [ILSI America LLC]
Site Internet  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

ILCX03-BF2318-20.000 Fiches technique(HTML) 1 Page - ILSI America LLC

  ILCX03-BF2318-20.000 Datasheet HTML 1Page - ILSI America LLC ILCX03-BF2318-20.000 Datasheet HTML 2Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2 Pad Ceramic Package Quartz Crystal, 3.2 mm x 5 mm
ILCX03 Series
ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com
02/09
Specifications subject to change without notice
Page 1
Recommended pad layout
Connection Diagram
Dimension Units: mm
1.3
1.5
2.4
1.3 Max.
3.2
2.00
3.5
5.0
Product Features:
Applications:
Low Cost SMD Package
Fibre Channel
Low ESR
Server & Storage
Compatible with Leadfree Processing
Sonet /SDH
802.11 / Wifi
T1/E1, T3/E3
* Not available at all frequencies. ** Not available for all temperature ranges.
Frequency
10 MHz to 100 MHz
ESR (Equivalent Series Resistance)
10.0 MHz – 13.9 MHz
14.0 MHz – 19.9 MHz
20.0 MHz – 39.9 MHz
40.0 MHz – 66.0 MHz
30.0 MHz – 100.0 MHz (3
rd O.T.)
100 Max.
80 Max.
60 Max.
40 Max.
100 Max.
Shunt Capacitance (C0)
7 pF Max.
Frequency Tolerance @ 25
° C
±30 ppm Standard (see Part Number Guide for more
options)
Frequency Stability over
Temperature
±50 ppm Standard (see Part Number Guide for more
options)
Crystal Cut
AT Cut
Load Capacitance
18 pF Standard (see Part Number Guide for more options)
Drive Level
500 uW Max.
Aging
±5 ppm Max. / Year Standard
Temperature
Operating
0
° C to +70° C Standard (see Part Number Guide for more
options)
Storage
-40
° C to +85° C Standard
Part Number Guide
Sample Part Number:
ILCX03 - FB1F18 - 20.000
Package
Tolerance
(ppm) at Room
Temperature
Stability
(ppm) over Operating
Temperature
Operating
Temperature Range
Mode
(overtone)
Load Capacitance
(pF)
Frequency
ILCX03 -
B = ±50 ppm
B = ±50 ppm
0 = 0°C to +50°C
F = Fundamental
18 pF Standard.
Or Specify
- 20.000 MHz
F = ±30 ppm
F = ±30 ppm
1 = 0°C to +70°C
3 = 3
rd overtone
G = ±25 ppm
G = ±25 ppm
2 = -10°C to +60°C
H = ±20 ppm
H = ±20 ppm
3 = -20°C to +70°C
I = ±15 ppm
I = ±15 ppm**
5 = -40°C to +85°C
J = ±10 ppm*
J = ±10 ppm**
9 = -10°C to +50°C


Numéro de pièce similaire - ILCX03-BF2318-20.000

FabricantNo de pièceFiches techniqueDescription
logo
ILSI America LLC
ILCX04 ILSI-ILCX04 Datasheet
46Kb / 2P
   4 Pad Ceramic Package, 5 mm x 7 mm
ILCX04-BB0318-20.000 ILSI-ILCX04-BB0318-20.000 Datasheet
46Kb / 2P
   4 Pad Ceramic Package, 5 mm x 7 mm
ILCX04-BB0F18-20.000 ILSI-ILCX04-BB0F18-20.000 Datasheet
46Kb / 2P
   4 Pad Ceramic Package, 5 mm x 7 mm
ILCX04-BB1318-20.000 ILSI-ILCX04-BB1318-20.000 Datasheet
46Kb / 2P
   4 Pad Ceramic Package, 5 mm x 7 mm
ILCX04-BB1F18-20.000 ILSI-ILCX04-BB1F18-20.000 Datasheet
46Kb / 2P
   4 Pad Ceramic Package, 5 mm x 7 mm
More results

Description similaire - ILCX03-BF2318-20.000

FabricantNo de pièceFiches techniqueDescription
logo
ILSI America LLC
ILCX07 ILSI-ILCX07 Datasheet
46Kb / 2P
   4 Pad Ceramic Package Quartz Crystal, 3.2 mm x 5 mm
ILCX10 ILSI-ILCX10 Datasheet
53Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 5 mm x 7 mm
ILCX09-BB0F18-20.000 ILSI-ILCX09-BB0F18-20.000 Datasheet
53Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
ILCX19 ILSI-ILCX19 Datasheet
46Kb / 2P
   4 Pad Ceramic Package Quartz Crystal, 1.6 mm x 2 mm
ILCX09 ILSI-ILCX09 Datasheet
56Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
IL3X ILSI-IL3X Datasheet
45Kb / 2P
   2 Pad Ceramic Package, 1.5 mm x 3.2 mm
IL3Y ILSI-IL3Y Datasheet
56Kb / 2P
   2 Pad Glass Package Quartz Crystal, 1.5 mm x 4.1 mm
ILCX08 ILSI-ILCX08 Datasheet
53Kb / 2P
   4 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
ILCX20 ILSI-ILCX20 Datasheet
46Kb / 2P
   4 Pad Ceramic Package Quartz Crystal, 1.2 mm x 1.6 mm
ILCX13 ILSI-ILCX13 Datasheet
46Kb / 2P
   4 Pad Ceramic Package, 2.5 mm x 3.2 mm
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com