Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LCXH245SJ Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce 74LCXH245SJ
Description  Low Voltage Bidirectional Transceiver with Bushold
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCXH245SJ Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  74LCXH245SJ Datasheet HTML 1Page - Fairchild Semiconductor 74LCXH245SJ Datasheet HTML 2Page - Fairchild Semiconductor 74LCXH245SJ Datasheet HTML 3Page - Fairchild Semiconductor 74LCXH245SJ Datasheet HTML 4Page - Fairchild Semiconductor 74LCXH245SJ Datasheet HTML 5Page - Fairchild Semiconductor 74LCXH245SJ Datasheet HTML 6Page - Fairchild Semiconductor 74LCXH245SJ Datasheet HTML 7Page - Fairchild Semiconductor 74LCXH245SJ Datasheet HTML 8Page - Fairchild Semiconductor 74LCXH245SJ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
Note 5: Outputs disabled or 3-STATE only.
Note 6: An external driver must source at least the specified current to switch from LOW-to-HIGH.
Note 7: An external driver must sink at least the specified current to switch from HIGH-to-LOW.
AC Electrical Characteristics
Note 8: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Dynamic Switching Characteristics
Capacitance
Symbol
Parameter
Conditions
VCC
TA = −40°C to +85°C
Units
(V)
Min
Max
II(HOLD)
Bushold Input Minimum
VIN = 0.7V
2.3
45
µA
Drive Hold Current
VIN = 1.7V
−45
VIN = 0.8V
3.0
75
VIN = 2.0V
−75
II(OD)
Bushold Input Over-Drive
(Note 6)
2.7
300
µA
Current to Change State
(Note 7)
−300
(Note 6)
3.6
450
(Note 7)
−450
IOZ
3-STATE I/O Leakage
VO = VCC or GND
2.3
− 3.6
±5.0
µA
ICC
Quiescent Supply Current
VI = VCC or GND
2.3
− 3.6
10
µA
3.6V
≤ V
I, VO ≤ 5.5V (Note 5)
2.3
− 3.6
±10
∆I
CC
Increase in ICC per Input
VIH = VCC −0.6V
2.3 - 3.6
500
µA
Symbol
Parameter
TA = −40°C to +85°C, RL = 500Ω
Units
VCC = 3.3V ± 0.3V
VCC = 2.7V
VCC = 2.5V ± 0.2V
CL = 50 pF
CL = 50 pF
CL = 30 pF
Min
Max
Min
Max
Min
Max
tPHL
Propagation Delay
1.5
7.0
1.5
8.0
1.5
8.4
ns
tPLH
An to Bn or Bn to An
1.5
7.0
1.5
8.0
1.5
8.4
tPZL
Output Enable Time
1.5
8.5
1.5
9.5
1.5
10.5
ns
tPZH
1.5
8.5
1.5
9.5
1.5
10.5
tPLZ
Output Disable Time
1.5
7.5
1.5
8.5
1.5
9.0
ns
tPHZ
1.5
7.5
1.5
8.5
1.5
9.0
tOSHL
Output to Output Skew
1.0
ns
tOSLH
(Note 8)
1.0
Symbol
Parameter
Conditions
VCC
TA = 25°C
Units
(V)
Typical
VOLP
Quiet Output Dynamic Peak VOL
CL = 50 pF, VIH = 3.3V, VIL = 0V
3.3
0.8
V
CL = 30 pF, VIH = 2.5V, VIL = 0V
2.5
0.6
VOLV
Quiet Output Dynamic Valley VOL
CL = 50 pF, VIH = 3.3V, V IL = 0V
3.3
−0.8
V
CL = 30 pF, VIH = 2.5V, VIL = 0V
2.5
−0.6
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC = Open, VI = 0V or VCC
7pF
CI/O
Input/Output Capacitance
VCC = 3.3V, VI = 0V or VCC
8pF
CPD
Power Dissipation Capacitance
VCC = 3.3V, VI = 0V or VCC, f = 10 MHz
25
pF


Numéro de pièce similaire - 74LCXH245SJ

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LCXH245SJ FAIRCHILD-74LCXH245SJ Datasheet
200Kb / 10P
   Low Voltage Bidirectional Transceiver with Bushold
logo
ON Semiconductor
74LCXH245SJ ONSEMI-74LCXH245SJ Datasheet
306Kb / 12P
   Low Voltage Bidirectional Transceiver with Bushold
Revised September 2001
More results

Description similaire - 74LCXH245SJ

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74VCXH245 FAIRCHILD-74VCXH245 Datasheet
81Kb / 8P
   Low Voltage Bidirectional Transceiver with Bushold
74ALVCH245 FAIRCHILD-74ALVCH245 Datasheet
82Kb / 7P
   Low Voltage Bidirectional Transceiver with Bushold
74VCXH245 FAIRCHILD-74VCXH245_05 Datasheet
211Kb / 9P
   Low Voltage Bidirectional Transceiver with Bushold
74LCXH245WMX FAIRCHILD-74LCXH245WMX Datasheet
200Kb / 10P
   Low Voltage Bidirectional Transceiver with Bushold
logo
ON Semiconductor
74LCXH245 ONSEMI-74LCXH245 Datasheet
306Kb / 12P
   Low Voltage Bidirectional Transceiver with Bushold
Revised September 2001
logo
Fairchild Semiconductor
74LCXH16245 FAIRCHILD-74LCXH16245 Datasheet
93Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
74LCXH16245 FAIRCHILD-74LCXH16245_05 Datasheet
98Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
logo
ON Semiconductor
74LCXH16245 ONSEMI-74LCXH16245 Datasheet
204Kb / 10P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
Revised June 2005
logo
Fairchild Semiconductor
74LCXH2245 FAIRCHILD-74LCXH2245_05 Datasheet
215Kb / 11P
   Low Voltage Bidirectional Transceiver with Bushold and 26ohm Series Resistors in B Outputs
74LCXH32245 FAIRCHILD-74LCXH32245 Datasheet
177Kb / 8P
   Low Voltage 32-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs with Bushold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com