Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LCXH2245SJ Fiches technique(PDF) 8 Page - Fairchild Semiconductor

No de pièce 74LCXH2245SJ
Description  Low Voltage Bidirectional Transceiver with Bushold and 26??Series Resistors in B Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCXH2245SJ Fiches technique(HTML) 8 Page - Fairchild Semiconductor

Back Button 74LCXH2245SJ Datasheet HTML 3Page - Fairchild Semiconductor 74LCXH2245SJ Datasheet HTML 4Page - Fairchild Semiconductor 74LCXH2245SJ Datasheet HTML 5Page - Fairchild Semiconductor 74LCXH2245SJ Datasheet HTML 6Page - Fairchild Semiconductor 74LCXH2245SJ Datasheet HTML 7Page - Fairchild Semiconductor 74LCXH2245SJ Datasheet HTML 8Page - Fairchild Semiconductor 74LCXH2245SJ Datasheet HTML 9Page - Fairchild Semiconductor 74LCXH2245SJ Datasheet HTML 10Page - Fairchild Semiconductor 74LCXH2245SJ Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.fairchildsemi.com
8
Physical Dimensions inches (millimeters) unless otherwise noted
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
Package Number M20B


Numéro de pièce similaire - 74LCXH2245SJ

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LCXH2245SJ FAIRCHILD-74LCXH2245SJ Datasheet
215Kb / 11P
   Low Voltage Bidirectional Transceiver with Bushold and 26ohm Series Resistors in B Outputs
More results

Description similaire - 74LCXH2245SJ

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74ALVCH2245 FAIRCHILD-74ALVCH2245 Datasheet
84Kb / 7P
   Low Voltage Bidirectional Transceiver with Bushold and 26??Series Resistors in B Outputs
74VCXH2245 FAIRCHILD-74VCXH2245 Datasheet
82Kb / 8P
   Low Voltage Bidirectional Transceiver with Bushold and 26廓 Series Resistors in B Outputs
74LCXH2245 FAIRCHILD-74LCXH2245_05 Datasheet
215Kb / 11P
   Low Voltage Bidirectional Transceiver with Bushold and 26ohm Series Resistors in B Outputs
74ALVC2245 FAIRCHILD-74ALVC2245 Datasheet
85Kb / 7P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in B Outputs
74LCXZ2245 FAIRCHILD-74LCXZ2245 Datasheet
107Kb / 11P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26??Series Resistors in B Outputs
74VCX2245 FAIRCHILD-74VCX2245 Datasheet
82Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in B Outputs
74ALVCH162373 FAIRCHILD-74ALVCH162373 Datasheet
96Kb / 6P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26??Series Resistors in Outputs
74ALVC2245 FAIRCHILD-74ALVC2245_05 Datasheet
105Kb / 7P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in B Outputs
74VCX2245 FAIRCHILD-74VCX2245 Datasheet
596Kb / 12P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26W Series Resistors in B Outputs
74LCXZ2245 FAIRCHILD-74LCXZ2245_05 Datasheet
122Kb / 11P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26ohm Series Resistors in B Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com