Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMB-2023HT-E7 Fiches technique(PDF) 1 Page - AAEON Technology

No de pièce AMB-2023HT-E7
Description  12.1" TFT SVGA (800 x 600) LCD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AAEON [AAEON Technology]
Site Internet  http://www.aaeon.com
Logo AAEON - AAEON Technology

AMB-2023HT-E7 Fiches technique(HTML) 1 Page - AAEON Technology

  AMB-2023HT-E7 Datasheet HTML 1Page - AAEON Technology AMB-2023HT-E7 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USB Bracket
Y Cable for PS/2 Keyboard & Mouse
12.1" TFT SVGA (800 x 600) LCD
Socket 370-based Intel® Pentium® III and Celeron® Processors up
to 850MHz
System Memory up to 256MB SDRAM
Disk Drive Bay for CD-ROM, Floppy Disk Drive and Hard Disk Drive
Two Free Expansion Slots for ISA or PCI
Features
Specifications
Construction
Memory
Supports up to 256MB SDRAM
LCD/CRT
Controller
Ethernet
I/O Port
Power Supply
Heavy-duty steel chassis
IP-65 certified aluminum front panel (optional)
CPU
Socket 370-based Intel® Pentium® III and Celeron® processor
up to 850MHz with FSB 66/100MHz
C&T 69000 controller with 2MB SDRAM.
CRT & LCD panel support.
Intel® 82559ER, 10/100 Base-TX RJ-45 connector x 1
2 serial ports: 1 x RS-232, 1 x RS-232/422/485 (COM 2 is
reserved for touchscreen)
1 parallel port (supports ECP/EPP)
1 PS/2 keyboard and mouse port
Storage Disk Drive
3.5" Hard Disk Drive or
2.5" Hard Disk Drive, Slim Floppy Disk Drive and Slim CD-ROM
(2 types of housing both are not compatible)
USB Connector
Pin header for Dual USB with USB bracket cable
Front Panel Color
RAL 7035
Mounting
Panelmount, Rearmount
Optional: Rotatable mounting mechanism
OS Support
MS DOS, Windows® 98SE, Windows® 2000, Windows® XP
Dimension
13.8" (W) x 10.8" (H) x 5.6" (D) (350mm x 275mm x 143mm)
with bezel: 14.4" (W) x 11.5" (H) x 5.9" (D) (366mm x 291mm
x 149mm)
Carton Dimension
18.8" (W) x 17" (H) x 14.9" (D)
(479mm x 431mm x 378mm)
Universal 70W switching power supply
Expansion Slot
2 x PCI or
1 x ISA and 1 x PCI slot
Gross Weight
28 lb (12.7 Kg)
with bezel: 30 lb (13.6 Kg)
Intel® Pentium® III and Celeron® Processor-based Industrial Robust
Panel PC with 12.1" TFT LCD & 2 Expansion Slots
Expansion slots for ISA or PCI
PS/2 Keyboard & Mouse Mini Din
Cooling fan
Power connector
CD-ROM drive
COM port
External IDE and Floppy Disk Drive connectors
Open Frame Structure with
IP-65 certified aluminum-front
panel (optional)
COM ports
3.5" floppy
disk drive
Power on/off
parallel port
CRT D-Sub
10/100 Base-TX
Ethernet connector
System
Mechanical
3-7
Note: All specifications are subject to change without notice.
APC-7122 (AMB-2023-E)
APC-7122 (AMB-2023-E)
APC-7122 (AMB-2023-E)


Numéro de pièce similaire - AMB-2023HT-E7

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AMB-20 ETC-AMB-20 Datasheet
98Kb / 1P
   Micro EM Brake
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com