Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LCXH16373GX Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce 74LCXH16373GX
Description  Low Voltage 16-Bit Transparent Latch with Bushold
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCXH16373GX Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  74LCXH16373GX Datasheet HTML 1Page - Fairchild Semiconductor 74LCXH16373GX Datasheet HTML 2Page - Fairchild Semiconductor 74LCXH16373GX Datasheet HTML 3Page - Fairchild Semiconductor 74LCXH16373GX Datasheet HTML 4Page - Fairchild Semiconductor 74LCXH16373GX Datasheet HTML 5Page - Fairchild Semiconductor 74LCXH16373GX Datasheet HTML 6Page - Fairchild Semiconductor 74LCXH16373GX Datasheet HTML 7Page - Fairchild Semiconductor 74LCXH16373GX Datasheet HTML 8Page - Fairchild Semiconductor 74LCXH16373GX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© 2001 Fairchild Semiconductor Corporation
DS500440
www.fairchildsemi.com
February 2001
Revised August 2001
74LCXH16373
Low Voltage 16-Bit Transparent Latch with Bushold
General Description
The LCXH16373 contains sixteen non-inverting latches
with 3-STATE outputs and is intended for bus oriented
applications. The device is byte controlled. The flip-flops
appear transparent to the data when the Latch Enable (LE)
is HIGH. When LE is LOW, the data that meets the setup
time is latched. Data appears on the bus when the Output
Enable (OE) is LOW. When OE is HIGH, the outputs are in
a high impedance state.
The LCXH16373 is designed for low voltage (2.5V or 3.3V)
VCC applications with capability of interfacing to a 5V signal
environment.
The LCXH16373 is fabricated with an advanced CMOS
technology to achieve high speed operation while maintain-
ing CMOS low power dissipation.
The LCXH16373 data inputs include active bushold cir-
cuitry, eliminating the need for external pull-up resistors to
hold unused or floating data input at a valid logic level.
Features
I 5V tolerant control inputs and outputs
I 2.3V–3.6V VCC specifications provided
I 5.4 ns tPD max (VCC = 3.3V), 20 µA ICC max
I Bushold on inputs eliminates the need for external
pull-up/pull-down resistors
I Power down high impedance outputs
I
±24 mA output drive (VCC = 3.0V)
I Implements patented noise/EMI reduction circuitry
I Latch-up performance exceeds 500 mA
I ESD performance:
Human body model
> 2000V
Machine model
> 200V
I Also available in plastic Fine-Pitch Ball Grid Array
(FBGA) (Preliminary)
Ordering Code:
Note 1: BGA package available in Tape and Reel only.
Note 2: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
Order Number
Package Number
Package Description
74LCXH16373GX
(Note 1)
BGA54A
(Preliminary)
54-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide
[TAPE and REEL]
74LCXH16373MEA
(Note 2)
MS48A
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide
74LCXH16373MTD
(Note 2)
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide


Numéro de pièce similaire - 74LCXH16373GX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LCXH16374 FAIRCHILD-74LCXH16374 Datasheet
204Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
74LCXH16374 FAIRCHILD-74LCXH16374 Datasheet
210Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
74LCXH16374G FAIRCHILD-74LCXH16374G Datasheet
204Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
74LCXH16374G FAIRCHILD-74LCXH16374G Datasheet
210Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
74LCXH16374MEA FAIRCHILD-74LCXH16374MEA Datasheet
204Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
More results

Description similaire - 74LCXH16373GX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74VCXH16373 FAIRCHILD-74VCXH16373 Datasheet
187Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold
74ALVCH16373 FAIRCHILD-74ALVCH16373 Datasheet
95Kb / 7P
   Low Voltage 16-Bit Transparent Latch with Bushold
74LCXH162373 FAIRCHILD-74LCXH162373 Datasheet
113Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26??Series Resistor Outputs
logo
Toshiba Semiconductor
TC74VCXH162373FT TOSHIBA-TC74VCXH162373FT Datasheet
221Kb / 13P
   Low-Voltage 16-Bit D-Type Latch with Bushold
TC74VCXH16373FT TOSHIBA-TC74VCXH16373FT_07 Datasheet
217Kb / 14P
   Low-Voltage 16-Bit D-Type Latch with Bushold
logo
Fairchild Semiconductor
74ALVCH162373 FAIRCHILD-74ALVCH162373 Datasheet
96Kb / 6P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26??Series Resistors in Outputs
74VCXH162373 FAIRCHILD-74VCXH162373_05 Datasheet
153Kb / 9P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26ohm Series Resistors in Outputs
logo
ON Semiconductor
74LCX162373 ONSEMI-74LCX162373 Datasheet
239Kb / 12P
   Low Voltage 16-Bit Transparent Latch
Revised May 2005
74VCX16373 ONSEMI-74VCX16373_18 Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch
Revised June 2005
74VCX162373 ONSEMI-74VCX162373 Datasheet
262Kb / 10P
   Low Voltage 16-Bit Transparent Latch
Revised June 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com