Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LCXH162244MTX Fiches technique(PDF) 9 Page - Fairchild Semiconductor

No de pièce 74LCXH162244MTX
Description  Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26??Series Resistors in Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCXH162244MTX Fiches technique(HTML) 9 Page - Fairchild Semiconductor

  74LCXH162244MTX Datasheet HTML 1Page - Fairchild Semiconductor 74LCXH162244MTX Datasheet HTML 2Page - Fairchild Semiconductor 74LCXH162244MTX Datasheet HTML 3Page - Fairchild Semiconductor 74LCXH162244MTX Datasheet HTML 4Page - Fairchild Semiconductor 74LCXH162244MTX Datasheet HTML 5Page - Fairchild Semiconductor 74LCXH162244MTX Datasheet HTML 6Page - Fairchild Semiconductor 74LCXH162244MTX Datasheet HTML 7Page - Fairchild Semiconductor 74LCXH162244MTX Datasheet HTML 8Page - Fairchild Semiconductor 74LCXH162244MTX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Package Number MTD48
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and
Fairchild reserves the right at any time without notice to change said circuitry and specifications.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure
to perform when properly used in accordance with
instructions for use provided in the labeling, can be rea-
sonably expected to result in a significant injury to the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com


Numéro de pièce similaire - 74LCXH162244MTX

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
74LCXH162244MTX ONSEMI-74LCXH162244MTX Datasheet
217Kb / 11P
   Low Voltage 16-Bit Buffer/Line Driver
Revised May 2005
More results

Description similaire - 74LCXH162244MTX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74ALVCH162240 FAIRCHILD-74ALVCH162240 Datasheet
86Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26??Series Resistors in Outputs
74VCXH162240 FAIRCHILD-74VCXH162240 Datasheet
78Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26廓 Series Resistors in Outputs
74ALVCH162244 FAIRCHILD-74ALVCH162244 Datasheet
81Kb / 6P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26??Series Resistor in Outputs
74VCXH162244 FAIRCHILD-74VCXH162244 Datasheet
77Kb / 7P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26W Series Resistor in Outputs
74VCXH162244 FAIRCHILD-74VCXH162244_05 Datasheet
138Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26ohm Series Resistor in Outputs
74ALVCH162373 FAIRCHILD-74ALVCH162373 Datasheet
96Kb / 6P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26??Series Resistors in Outputs
74VCXH162373 FAIRCHILD-74VCXH162373 Datasheet
86Kb / 7P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26廓 Series Resistors in Outputs
74LCXH16244 FAIRCHILD-74LCXH16244_05 Datasheet
124Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74ALVCH16244 FAIRCHILD-74ALVCH16244 Datasheet
79Kb / 6P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74LCXH16244 FAIRCHILD-74LCXH16244 Datasheet
93Kb / 9P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com