Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LCX646MTCX Fiches technique(PDF) 9 Page - Fairchild Semiconductor

No de pièce 74LCX646MTCX
Description  Low Voltage Octal Transceiver/Register with 5V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX646MTCX Fiches technique(HTML) 9 Page - Fairchild Semiconductor

Back Button 74LCX646MTCX Datasheet HTML 2Page - Fairchild Semiconductor 74LCX646MTCX Datasheet HTML 3Page - Fairchild Semiconductor 74LCX646MTCX Datasheet HTML 4Page - Fairchild Semiconductor 74LCX646MTCX Datasheet HTML 5Page - Fairchild Semiconductor 74LCX646MTCX Datasheet HTML 6Page - Fairchild Semiconductor 74LCX646MTCX Datasheet HTML 7Page - Fairchild Semiconductor 74LCX646MTCX Datasheet HTML 8Page - Fairchild Semiconductor 74LCX646MTCX Datasheet HTML 9Page - Fairchild Semiconductor 74LCX646MTCX Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
Package Number M24B
24-Lead Shrink Small Outline Package (SSOP), EIAJ TYPE II, 5.3mm Wide
Package Number MSA24


Numéro de pièce similaire - 74LCX646MTCX

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
74LCX646M1R STMICROELECTRONICS-74LCX646M1R Datasheet
241Kb / 13P
   LOW VOLT. CMOS OCTAL BUS TRANSCEIVER/REGISTER WITH 5 VOLT TOLERANT INPUTS AND OUTPUTS(3-STATE)
More results

Description similaire - 74LCX646MTCX

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
74LCX652 ONSEMI-74LCX652 Datasheet
214Kb / 12P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
Revised March 2001
logo
Fairchild Semiconductor
74LCX16652 FAIRCHILD-74LCX16652 Datasheet
93Kb / 10P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
74LCX652 FAIRCHILD-74LCX652 Datasheet
108Kb / 10P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
74LCX16652 FAIRCHILD-74LCX16652_01 Datasheet
108Kb / 10P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
74LCX32652 FAIRCHILD-74LCX32652 Datasheet
468Kb / 11P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs (Preliminary)
74LCX543 FAIRCHILD-74LCX543 Datasheet
90Kb / 8P
   Low Voltage Octal Registered Transceiver with 5V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74LCX245F TOSHIBA-TC74LCX245F Datasheet
294Kb / 8P
   LOW VOLTAGE OCTAL BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ245FK TOSHIBA-TC7MZ245FK Datasheet
244Kb / 6P
   LOW-VOLTAGE OCTAL BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
ON Semiconductor
74LCX543 ONSEMI-74LCX543 Datasheet
197Kb / 10P
   Low Voltage Octal Registered Transceiver with 5V Tolerant Inputs and Outputs
Revised March 2001
logo
Toshiba Semiconductor
TC74LCX16646AFT TOSHIBA-TC74LCX16646AFT Datasheet
390Kb / 12P
   LOW VOLTAGE 16-BIT TRANSCEIVER/REGISTER WITH 5V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com