Moteur de recherche de fiches techniques de composants électroniques |
|
I202-1XB5-27.000 Fiches technique(PDF) 2 Page - ILSI America LLC |
|
I202-1XB5-27.000 Fiches technique(HTML) 2 Page - ILSI America LLC |
2 / 2 page Leaded Oscillator, VCXO, TTL / HC-MOS Metal Package, Full Size DIP and Half DIP I202 / I203 Series ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com 10/10_B Specifications subject to change without notice Page 2 Pb Free Solder Reflow Profile: Typical Application: *Units are backward compatible with 240C reflow processes Package Information: MSL = N.A. (package does not contain plastic, storage life is unlimited under normal room conditions). Termination = e4- (Sn / Cu / Ag over Ni over Kovar base metal). Environmental Specifications Thermal Shock MIL-STD-883, Method 1011, Condition A Moisture Resistance MIL-STD-883, Method 1004 Mechanical Shock MIL-STD-883, Method 2002, Condition B Mechanical Vibration MIL-STD-883, Method 2007, Condition A Resistance to Soldering Heat J-STD-020C, Table 5-2 Pb-free devices (except 2 cycles max) Hazardous Substance Pb-Free / RoHS / Green Compliant Solderability JESD22-B102-D Method 2 (Preconditioning E) Terminal Strength MIL-STD-883, Method 2004, Test Condition D Gross Leak MIL-STD-883, Method 1014, Condition C Fine Leak MIL-STD-883, Method 1014, Condition A2, R1=2x10-8 atm cc/s Solvent Resistance MIL-STD-202, Method 215 Marking Line 1: ILSI and Date Code Line 2: XXXX (Part Number detail = I203-XXXX-Freq.) Line 3: Frequency |
Numéro de pièce similaire - I202-1XB5-27.000 |
|
Description similaire - I202-1XB5-27.000 |