Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LCX16646MTD Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce 74LCX16646MTD
Description  Low Voltage 16-Bit Transceiver/Register with 5V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX16646MTD Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  74LCX16646MTD Datasheet HTML 1Page - Fairchild Semiconductor 74LCX16646MTD Datasheet HTML 2Page - Fairchild Semiconductor 74LCX16646MTD Datasheet HTML 3Page - Fairchild Semiconductor 74LCX16646MTD Datasheet HTML 4Page - Fairchild Semiconductor 74LCX16646MTD Datasheet HTML 5Page - Fairchild Semiconductor 74LCX16646MTD Datasheet HTML 6Page - Fairchild Semiconductor 74LCX16646MTD Datasheet HTML 7Page - Fairchild Semiconductor 74LCX16646MTD Datasheet HTML 8Page - Fairchild Semiconductor 74LCX16646MTD Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.fairchildsemi.com
2
Connection Diagram
Truth Table
(Note 2)
H
= HIGH Voltage Level
X
= Immaterial
L
= LOW Voltage Level
 = LOW-to-HIGH Transition.
Note 2: The data output functions may be enabled or disabled by various signals at the OE and DIR inputs. Data input functions are always enabled;
i.e., data at the bus pins will be stored on every LOW-to-HIGH transition of the appropriate clock inputs. Also applies to data I/O (A and B: 8-15) and
#2 control pins.
Inputs
Data I/O
Output Operation Mode
OE1
DIR1
CPAB1 CPBA1
SAB1
SBA1
A0–7
B0–7
H
X
H or L
H or L
X
X
Isolation
H
X

X
X
X
Input
Input
Clock An Data into A Register
H
X
X

X
X
Clock Bn Data Into B Register
L
H
X
X
L
X
An to Bn — Real Time (Transparent Mode)
L
H

X
L
X
Input
Output Clock An Data to A Register
L
H
H or L
X
H
X
A Register to Bn (Stored Mode)
L
H

X
H
X
Clock An Data into A Register and Output to Bn
L
L
X
X
X
L
Bn to An — Real Time (Transparent Mode)
L
L
X

X
L
Output
Input
Clock Bn Data into B Register
L
L
X
H or L
X
H
B Register to An (Stored Mode)
L
L
X

X
H
Clock Bn into B Register and Output to An


Numéro de pièce similaire - 74LCX16646MTD

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
74LCX16646MTD ONSEMI-74LCX16646MTD Datasheet
228Kb / 12P
   Low Voltage 16-Bit Transceiver/Register
Revised August 2002
More results

Description similaire - 74LCX16646MTD

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74LCX16646AFT TOSHIBA-TC74LCX16646AFT Datasheet
390Kb / 12P
   LOW VOLTAGE 16-BIT TRANSCEIVER/REGISTER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX16652AFT TOSHIBA-TC74LCX16652AFT Datasheet
394Kb / 12P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
ON Semiconductor
74LCX652 ONSEMI-74LCX652 Datasheet
214Kb / 12P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
Revised March 2001
logo
Fairchild Semiconductor
74LCX16652 FAIRCHILD-74LCX16652 Datasheet
93Kb / 10P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
74LCX652 FAIRCHILD-74LCX652 Datasheet
108Kb / 10P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
74LCX16652 FAIRCHILD-74LCX16652_01 Datasheet
108Kb / 10P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
74LCX32652 FAIRCHILD-74LCX32652 Datasheet
468Kb / 11P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs (Preliminary)
74LCX32646 FAIRCHILD-74LCX32646 Datasheet
507Kb / 11P
   Low Voltage 32-Bit Transceiver/Register with 5V Tolerant Inputs and Outputs (Preliminary)
74LCX646 FAIRCHILD-74LCX646 Datasheet
105Kb / 10P
   Low Voltage Octal Transceiver/Register with 5V Tolerant Inputs and Outputs
74LCXZ16245 FAIRCHILD-74LCXZ16245 Datasheet
92Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com