Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LCX16500G Fiches technique(PDF) 9 Page - Fairchild Semiconductor

No de pièce 74LCX16500G
Description  Low Voltage 18-Bit Universal Bus Transceivers with 5V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX16500G Fiches technique(HTML) 9 Page - Fairchild Semiconductor

Back Button 74LCX16500G Datasheet HTML 2Page - Fairchild Semiconductor 74LCX16500G Datasheet HTML 3Page - Fairchild Semiconductor 74LCX16500G Datasheet HTML 4Page - Fairchild Semiconductor 74LCX16500G Datasheet HTML 5Page - Fairchild Semiconductor 74LCX16500G Datasheet HTML 6Page - Fairchild Semiconductor 74LCX16500G Datasheet HTML 7Page - Fairchild Semiconductor 74LCX16500G Datasheet HTML 8Page - Fairchild Semiconductor 74LCX16500G Datasheet HTML 9Page - Fairchild Semiconductor 74LCX16500G Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
56-Lead Shrink Small Outline Package (SSOP), JEDEC MO-118, 0.300" Wide
Package Number MS56A


Numéro de pièce similaire - 74LCX16500G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
74LCX16500G ONSEMI-74LCX16500G Datasheet
210Kb / 12P
   Low Voltage 18-Bit Universal Bus Transceivers
Revised June 2002
More results

Description similaire - 74LCX16500G

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LCX16501 FAIRCHILD-74LCX16501 Datasheet
84Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 5V Tolerant Inputs and Outputs
74LCX32500 FAIRCHILD-74LCX32500 Datasheet
85Kb / 8P
   Low Voltage 36-Bit Universal Bus Transceivers with 5V Tolerant Inputs and Outputs
74VCX16500 FAIRCHILD-74VCX16500_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74ALVC16500 FAIRCHILD-74ALVC16500 Datasheet
85Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16501 FAIRCHILD-74VCX16501_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74ALVC16601 FAIRCHILD-74ALVC16601 Datasheet
100Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74ALVC16501 FAIRCHILD-74ALVC16501 Datasheet
84Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16601 FAIRCHILD-74VCX16601 Datasheet
59Kb / 11P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16500 FAIRCHILD-74VCX16500 Datasheet
61Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16501 FAIRCHILD-74VCX16501 Datasheet
60Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com