Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LCX16373 Fiches technique(PDF) 10 Page - Fairchild Semiconductor

No de pièce 74LCX16373
Description  Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX16373 Fiches technique(HTML) 10 Page - Fairchild Semiconductor

Back Button 74LCX16373 Datasheet HTML 2Page - Fairchild Semiconductor 74LCX16373 Datasheet HTML 3Page - Fairchild Semiconductor 74LCX16373 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX16373 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX16373 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX16373 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX16373 Datasheet HTML 8Page - Fairchild Semiconductor 74LCX16373 Datasheet HTML 9Page - Fairchild Semiconductor 74LCX16373 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
www.fairchildsemi.com
10
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Package Number MTD48
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and
Fairchild reserves the right at any time without notice to change said circuitry and specifications.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure
to perform when properly used in accordance with
instructions for use provided in the labeling, can be rea-
sonably expected to result in a significant injury to the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com


Numéro de pièce similaire - 74LCX16373

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
74LCX16373 STMICROELECTRONICS-74LCX16373 Datasheet
76Kb / 9P
   LOW VOLTAGE CMOS 16-BIT D-TYPE LATCH(3-STATE)WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX16373 STMICROELECTRONICS-74LCX16373 Datasheet
282Kb / 10P
   LOW VOLTAGE CMOS 16-BIT D-TYPE LATCH (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
ON Semiconductor
74LCX16373 ONSEMI-74LCX16373 Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch 5V Tolerant Inputs and Outputs
Revised May 2005
74LCX16373G ONSEMI-74LCX16373G Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch 5V Tolerant Inputs and Outputs
Revised May 2005
74LCX16373MEA ONSEMI-74LCX16373MEA Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch 5V Tolerant Inputs and Outputs
Revised May 2005
More results

Description similaire - 74LCX16373

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
54LCX16373 NSC-54LCX16373 Datasheet
106Kb / 5P
   Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX16373 ONSEMI-74LCX16373 Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch 5V Tolerant Inputs and Outputs
Revised May 2005
logo
Fairchild Semiconductor
74LCX16841 FAIRCHILD-74LCX16841 Datasheet
91Kb / 8P
   Low Voltage 20-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX841 FAIRCHILD-74LCX841 Datasheet
88Kb / 8P
   Low Voltage 10-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX16841 FAIRCHILD-74LCX16841 Datasheet
79Kb / 8P
   Low Voltage 20-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX373 FAIRCHILD-74LCX373 Datasheet
747Kb / 15P
   Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
74VCX16373 FAIRCHILD-74VCX16373 Datasheet
125Kb / 10P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74LCX373 FAIRCHILD-74LCX373_08 Datasheet
670Kb / 15P
   Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX32373 FAIRCHILD-74LCX32373 Datasheet
252Kb / 8P
   Low Voltage 32-Bit Transparent Latch with 5V Tolerant Inputs and Outputs Preliminary
74ALVC16373 FAIRCHILD-74ALVC16373 Datasheet
124Kb / 8P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com