Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LCX07MTC Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce 74LCX07MTC
Description  Low Voltage Hex Buffer with Open Drain Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX07MTC Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  74LCX07MTC Datasheet HTML 1Page - Fairchild Semiconductor 74LCX07MTC Datasheet HTML 2Page - Fairchild Semiconductor 74LCX07MTC Datasheet HTML 3Page - Fairchild Semiconductor 74LCX07MTC Datasheet HTML 4Page - Fairchild Semiconductor 74LCX07MTC Datasheet HTML 5Page - Fairchild Semiconductor 74LCX07MTC Datasheet HTML 6Page - Fairchild Semiconductor 74LCX07MTC Datasheet HTML 7Page - Fairchild Semiconductor 74LCX07MTC Datasheet HTML 8Page - Fairchild Semiconductor 74LCX07MTC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500238
www.fairchildsemi.com
October 1999
Revised February 2005
74LCX07
Low Voltage Hex Buffer with Open Drain Outputs
General Description
The LCX07 contains six buffers. The inputs tolerate volt-
ages up to 7V allowing the interface of 5V systems to 3V
systems.
The outputs of the LCX07 are open drain and can be con-
nected to other open drain outputs to implement active
HIGH wire AND or active LOW wire OR functions.
The 74LCX07 is fabricated with advanced CMOS technol-
ogy to achieve high speed operation while maintaining
CMOS low power dissipation.
Features
s 5V tolerant inputs
s 2.3V to 5.5V VCC specifications provided
s 2.9 ns tPD max (VCC 3.3V), 10 PA ICC max
s Power down high impedance inputs and outputs
s
24 mA output drive (VCC 3.0V)
s Implements patented noise/EMI reduction circuitry
s Latch-up performance exceeds JEDEC 78 conditions
s ESD performance:
Human body model
! 2000V
Machine model
! 200V
s Leadless Pb-Free DQFN package
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Note 1: “_NL” indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only.
Note 2: DQFN package available in Tape and Reel only.
Order Number
Package
Package Description
Number
74LCX07M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74LCX07MX_NL
(Note 1)
M14A
Pb-Free 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74LCX07SJ
M14D
Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LCX07BQX
(Note 2)
MLP014A
Pb-Free 14-Terminal Depopulated Quad Very-Thin Flat Pack No Leads (DQFN), JEDEC
MO-241, 2.5 x 3.0mm
74LCX07MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74LCX07MTCX_NL
(Note 1)
MTC14
Pb-Free 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide


Numéro de pièce similaire - 74LCX07MTC

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LCX07MTC FAIRCHILD-74LCX07MTC Datasheet
680Kb / 12P
   Low Voltage Hex Buffer with Open Drain Outputs
logo
ON Semiconductor
74LCX07MTC ONSEMI-74LCX07MTC Datasheet
693Kb / 13P
   Low Voltage Hex Buffer with Open Drain Outputs
December 2013 Rev. 1.11.1
logo
Fairchild Semiconductor
74LCX07MTC FAIRCHILD-74LCX07MTC_08 Datasheet
680Kb / 12P
   Low Voltage Hex Buffer with Open Drain Outputs
More results

Description similaire - 74LCX07MTC

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
74LCX07 ONSEMI-74LCX07 Datasheet
693Kb / 13P
   Low Voltage Hex Buffer with Open Drain Outputs
December 2013 Rev. 1.11.1
logo
Fairchild Semiconductor
74LCX07 FAIRCHILD-74LCX07_08 Datasheet
680Kb / 12P
   Low Voltage Hex Buffer with Open Drain Outputs
74LCX07MX FAIRCHILD-74LCX07MX Datasheet
680Kb / 12P
   Low Voltage Hex Buffer with Open Drain Outputs
74LCX06 FAIRCHILD-74LCX06 Datasheet
60Kb / 7P
   Low Voltage Hex Inverter/Buffer with Open Drain Outputs
logo
ON Semiconductor
MC74LCX07 ONSEMI-MC74LCX07_12 Datasheet
127Kb / 6P
   Low-Voltage CMOS Hex Buffer with Open Drain Outputs
July, 2012 ??Rev. 13
MC74LCX07 ONSEMI-MC74LCX07_V01 Datasheet
259Kb / 8P
   Low-Voltage CMOS Hex Buffer with Open Drain Outputs
October, 2012 ??Rev. 14
74LCX06 ONSEMI-74LCX06 Datasheet
255Kb / 8P
   Low Voltage Hex Inverter/Buffer with Open Drain Outputs
January 2008 Rev. 1.8.0
MC74LCX07 ONSEMI-MC74LCX07 Datasheet
81Kb / 6P
   Low-Voltage CMOS Hex Buffer with Open Drain Outputs
May, 2005 ??Rev. 10
logo
Fairchild Semiconductor
74LCX06 FAIRCHILD-74LCX06_01 Datasheet
78Kb / 7P
   Low Voltage Hex Inverter/Buffer with Open Drain Outputs
logo
Nexperia B.V. All right...
74LVC07A-Q100 NEXPERIA-74LVC07A-Q100 Datasheet
227Kb / 13P
   Hex buffer with open-drain outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com