Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS1060 Fiches technique(PDF) 1 Page - Pan Jit International Inc.

No de pièce SS1060
Description  SURFACE MOUNT SCHOTTKY BARRIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SS1060 Fiches technique(HTML) 1 Page - Pan Jit International Inc.

  SS1060 Datasheet HTML 1Page - Pan Jit International Inc. SS1060 Datasheet HTML 2Page - Pan Jit International Inc. SS1060 Datasheet HTML 3Page - Pan Jit International Inc. SS1060 Datasheet HTML 4Page - Pan Jit International Inc. SS1060 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
April 24,2013-REV.00
SS1060
SURFACE MOUNT SCHOTTKY BARRIER
VOLTAGE
60 Volts
1 Ampers
FEATURES
• Fast switching speed
• Surface mount package ideally suited for automatic insertion
• Electrical identical standard JEDEC.
• High conductor
• Lead free in comply with EU RoHS 2011/65/EU directives
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case : SOD-123, Plastic
• Terminals : Solderable per MIL-STD-750, Method 2026
• Approx. Weight : 0.0004 ounce, 0.01 gram
• Polarity : Color band denotes cathode end
• Marking : G60
CURRENT
ABSOLUTE RATINGS
THERMAL CHARACTERISTICS
1
2
Cathode
Anode
P a r a m e te r
S ym b o l
Va lue
Uni ts
P eak Re ve r s e Vo lt age
V
RR M
60
V
M a xi mum RM S Vo lt a g e
V
RM S
42
V
A ver age Re cti f i ed C ur r e nt
I
F( AV )
1A
P eak F o r war d S ur ge C ur r ent at t = 8.3m s
I
FSM
30
A
NOTES: 1.Mounted on an FR4 PCB, single-sided copper, with 100cm2 copper pad area
2.Mounted on an FR4 PCB, single-sided copper, mini pad.
P a r a m e te r
S ym bol
Va lue
Uni t s
Ther m a l Re sistance ( NO TE S 1)
R
JL
200
OC/ W
Ther m a l Re sistance ( NO TE S 2)
R
JA
380
OC/ W
J unc t i on Te m per at ur e
T
J
- 55 to 125
O C
S t or age Te m per at ur e Ra ng e
T
ST G
- 55 to 125
O C
0.154(3.90)
0.141(3.60)
0.110(2.80)
0.098(2.50)
0.028(0.70)
0.019(0.50)
0.008(0.20)MAX.
0.005(0.12)MAX.
0.016(0.40)MIN.
0.053(1.35)
0.037(0.95)
0.071(1.80)
0.055(1.40)


Numéro de pièce similaire - SS1060

FabricantNo de pièceFiches techniqueDescription
logo
Diotech Company.
SS1060 DIOTECH-SS1060 Datasheet
613Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SS1060 FORMOSA-SS1060 Datasheet
122Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SS1060 YFWDIODE-SS1060 Datasheet
443Kb / 3P
   Surface Mount Schottky Barrier Rectifier
SS1060 YFWDIODE-SS1060 Datasheet
379Kb / 3P
   Surface Mount Schottky Barrier Rectifier
logo
SHIKUES Electronics
SS1060BG SKTECHNOLGY-SS1060BG Datasheet
283Kb / 3P
   Surface Mount Schottky Barrier Rectifier
More results

Description similaire - SS1060

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
BAT42WS PANJIT-BAT42WS Datasheet
113Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
SD103AWS PANJIT-SD103AWS Datasheet
56Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Taiwan Semiconductor Co...
TSS42U TSC-TSS42U_14 Datasheet
186Kb / 4P
   Surface Mount Schottky Barrier
logo
Pan Jit International I...
BAT54TG PANJIT-BAT54TG_09 Datasheet
111Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT42W PANJIT-BAT42W_16 Datasheet
211Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54 PANJIT-BAT54_16 Datasheet
147Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2 PANJIT-BAT54FN2_16 Datasheet
191Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2-AU PANJIT-BAT54FN2-AU Datasheet
194Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54STB-AU PANJIT-BAT54STB-AU_16 Datasheet
246Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TB PANJIT-BAT54TB_16 Datasheet
279Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TM PANJIT-BAT54TM_16 Datasheet
146Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com