Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

74FR16541 Datasheet(Fiches technique) 3 Page - Fairchild Semiconductor

Numéro de pièce 74FR16541
Description  16-Bit Buffer/Line Driver with 3-STATE Outputs
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74FR16541 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74FR16541 Datenblatt HTML 1Page - Fairchild Semiconductor 74FR16541 Datenblatt HTML 2Page - Fairchild Semiconductor 74FR16541 Datasheet HTML 3Page - Fairchild Semiconductor 74FR16541 Datenblatt HTML 4Page - Fairchild Semiconductor 74FR16541 Datenblatt HTML 5Page - Fairchild Semiconductor 74FR16541 Datenblatt HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Storage Temperature
−65°C to +150°C
Ambient Temperature under Bias
−55°C to +125°C
Junction Temperature under Bias
−55°C to +150°C
VCC Pin Potential to Ground Pin
−0.5V to +7.0V
Input Voltage (Note 2)
−0.5V to +7.0V
Input Current (Note 2)
−30 mA to +5.0 mA
Voltage Applied to Output
in HIGH State (with VCC = 0V)
Standard Output
−0.5V to V
CC
3-STATE Output
−0.5V to +5.5V
Current Applied to Output
in LOW State (Max)
Twice the Rated IOL (mA)
ESD Last Passing Voltage (Min)
4000V
Free Air Ambient Temperature
0
°C to +70°C
Supply Voltage
+4.5V to +5.5V
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized as a HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized as a LOW Signal
VCD
Input Clamp Diode Voltage
−1.2
V
Min
IIN = −18 mA
VOH
Output HIGH
2.4
VMin
IOH = −3 mA
Voltage
2.0
IOH = −15 mA
VOL
Output LOW Voltage
0.55
V
Min
IOL = 64 mA
IIH
Input HIGH Current
5.0
µAMax
VIN = 2.7V
IBVI
Input HIGH Current
7.0
µAMax
VIN = 7.0V
Breakdown Test
(OEn)
IIL
Input LOW Current
−120
µAMax
VIN = 0.5V
IOS
Output Short-Circuit
−100
−225
mA
Max
VOUT = 0V
Current
IOZH
Output Leakage Current
0
20
µAMax
VOUT = 2.7V
IOZL
Output Leakage Current
0
−20
µAMax
VOUT = 0.5V
ICEX
Output HIGH Leakage Current
50
µAMax
VOUT = VCC
VID
Input Leakage Test
4.75
V
0.0
IID = 1.9 µA
All Other Pins Grounded
IOD
Output Circuit Leakage Current
3.75
µA0.0
VIOD = 150 mV
All Other Pins Grounded
IZZ
Bus Drainage Test
100
µA0.0
VOUT = 5.25V
ICCH
Power Supply Current
35
50
mA
Max
VO = HIGH
ICCL
Power Supply Current
92
110
mA
Max
VO = LOW
ICCZ
Power Supply Current
36
50
mA
Max
VO = HIGH Z
CIN
Input Capacitance
8
pF
5.0


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn